Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8250
Description  High Speed CAN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8250 Datasheet HTML 9Page - Infineon Technologies AG TLE8250 Datasheet HTML 10Page - Infineon Technologies AG TLE8250 Datasheet HTML 11Page - Infineon Technologies AG TLE8250 Datasheet HTML 12Page - Infineon Technologies AG TLE8250 Datasheet HTML 13Page - Infineon Technologies AG TLE8250 Datasheet HTML 14Page - Infineon Technologies AG TLE8250 Datasheet HTML 15Page - Infineon Technologies AG TLE8250 Datasheet HTML 16Page - Infineon Technologies AG TLE8250 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
13
Rev. 1.0
2016-07-15
TLE8250
High Speed CAN Transceiver
Fail Safe Functions
5.4
Overtemperature Protection
The has an integrated overtemperature detection to protect the against thermal overstress of the
transmitter. The overtemperature protection is active in normal-operating mode and disabled in power-save
mode and receive-only mode. In case of an overtemperature condition, the temperature sensor will disable
the transmitter (see Figure 1) while the transceiver remains in normal-operating mode.
After the device has cooled down the transmitter is activated again (see Figure 8). A hysteresis is implemented
within the temperature sensor.
Figure 8
Overtemperature protection
5.5
Delay Time for Mode Change
The HS CAN transceiver changes the mode of operation within the time window tMode. Depending on the
selected mode of operation, the RxD output pin is set to logical “high” during the mode change.
In this case the RxD output does not reflect the status on the CANH and CANL input pins (see as an example
Figure 12 and Figure 13).
TxD
t
t
CANH
CANL
RxD
t
TJ
t
TJSD (shut down temperature)
switch-on transmitter
T
cool down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com