Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8250 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE8250
Description  High Speed CAN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE8250 Datasheet HTML 1Page - Infineon Technologies AG TLE8250 Datasheet HTML 2Page - Infineon Technologies AG TLE8250 Datasheet HTML 3Page - Infineon Technologies AG TLE8250 Datasheet HTML 4Page - Infineon Technologies AG TLE8250 Datasheet HTML 5Page - Infineon Technologies AG TLE8250 Datasheet HTML 6Page - Infineon Technologies AG TLE8250 Datasheet HTML 7Page - Infineon Technologies AG TLE8250 Datasheet HTML 8Page - Infineon Technologies AG TLE8250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
1
Rev. 1.0
www.infineon.com/transceiver
2016-07-15
TLE8250
High Speed CAN Transceiver
1
Overview
Features
• Compatible to ISO 11898-2 (2016)
• Wide common mode range for electromagnetic immunity (EMI)
• Very low electromagnetic emission (EME)
• Excellent ESD robustness
• Guaranteed and improved loop delay symmetry to support CAN FD data
frames up to 2 MBit/s
• Extended supply range on VCC supply
• CAN short circuit proof to ground, battery and VCC
• TxD time-out function
• Low CAN bus leakage current in power-down state
• Overtemperature protection
• Protected against automotive transients
• Receive-only mode and power-save mode
• Green Product (RoHS compliant)
• AEC Qualified
• Certified according to latest VeLIO (Vehicle LAN Interoperability & Optimization) test requirements for the
Japanese market
Applications
• Engine Control Unit (ECUs)
• Transmission Control Units (TCUs)
• Chassis Control Modules
• Electric Power Steering
Description
The is a transceiver designed for HS CAN networks in automotive and industrial applications. As an interface
between the physical bus layer and the CAN protocol controller, the drives the signals to the bus and protects
the microcontroller against interferences generated within the network. Based on the high symmetry of the
CANH and CANL signals, the provides a very low level of electromagnetic emission (EME) within a wide
frequency range.
The TLE8250SJ fulfills or exceeds the requirements of the ISO11898-2.
The provides a receive-only mode and a power-save mode. It is designed to fulfill the enhanced physical layer


Similar Part No. - TLE8250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 24P
High Speed CAN-Transceiver
Rev. 1.1, 2014-10-09
TLE8250G INFINEON-TLE8250G Datasheet
896Kb / 28P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
High Speed CAN-Transceiver
Rev. 1.0, 2010-09-03
TLE8250GVIO INFINEON-TLE8250GVIO Datasheet
1Mb / 28P
High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
More results

Similar Description - TLE8250

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com