Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7182CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL7182CSZ
Description  2-Phase, High Speed CCD Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7182CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL7182CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7182CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7182CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7182CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7182CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7182CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7182CSZ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN7281 Rev 1.00
Page 1 of 7
June 15, 2006
FN7281
Rev 1.00
June 15, 2006
EL7182
2-Phase, High Speed CCD Driver
DATASHEET
The EL7182 is extremely well suited for driving CCD's,
especially where high contrast imaging is desirable. The 16V
supply rating is attractive for higher voltage CCD
applications, as in color fax machines. The input is TTL and
3V compatible. The low quiescent current requirement is
advantageous in portable/battery powered systems. The
EL7182 is available in 8 Ld PDIP and 8 Ld SOIC packages.
Pinout
EL7182
(8 LD PDIP, SOIC)
TOP VIEW
Features
• 3V and 5V Input compatible
• Clocking speeds up to 10MHz
• Reduced clock skew
• 20ns Switching/delay time
• 2A Peak drive
• Low quiescent current
• Wide operating voltage: 4.5V–16V
• Pb-free plus anneal available (RoHS compliant)
Applications
• CCD Drivers requiring high-contrast imaging
• Differential line drivers
• Push-pull circuits
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE (°C) PACKAGE
PKG.
DWG. #
EL7182CN
EL7182CN
-40 to +85 8 Ld PDIP
MDP0031
EL7182CS
7182CS
-40 to +85 8 Ld SOIC MDP0027
EL7182CSZ
(Note)
7182CSZ
-40 to +85 8 Ld SOIC
(Pb-free)
MDP0027
EL7182CSZ-T7
(Note)
7182CSZ
8 Ld SOIC (7” Tape and Reel)
(Pb-free)
EL7182CSZ-T13
(Note)
7182CSZ
8 Ld SOIC (7” Tape and Reel)
(Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NOT REC
OMMEND
ED FOR N
EW DESI
GNS
NO RECO
MMENDE
D REPLA
CEMENT
contact o
ur Techni
cal Suppo
rt Center
at
1-888-INT
ERSIL or
www.inte
rsil.com/t
sc


Similar Part No. - EL7182CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7182CSZ INTERSIL-EL7182CSZ Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
EL7182CSZ-T13 INTERSIL-EL7182CSZ-T13 Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
EL7182CSZ-T7 INTERSIL-EL7182CSZ-T7 Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
More results

Similar Description - EL7182CSZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Elantec Semiconductor
EL7182C ELANTEC-EL7182C Datasheet
183Kb / 8P
2-Phase, High Speed CCD Driver
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7182 INTERSIL-EL7182 Datasheet
91Kb / 5P
2-Phase, High Speed CCD Driver
January 1996
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
logo
National Semiconductor ...
LM98555 NSC-LM98555 Datasheet
688Kb / 9P
CCD Driver
logo
Intersil Corporation
EL7182 INTERSIL-EL7182_06 Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
High-Speed Dual Precision CCD Driver
September 23, 2009
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com