Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7516 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7516 Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7516 Datasheet HTML 1Page - Renesas Technology Corp EL7516 Datasheet HTML 2Page - Renesas Technology Corp EL7516 Datasheet HTML 3Page - Renesas Technology Corp EL7516 Datasheet HTML 4Page - Renesas Technology Corp EL7516 Datasheet HTML 5Page - Renesas Technology Corp EL7516 Datasheet HTML 6Page - Renesas Technology Corp EL7516 Datasheet HTML 7Page - Renesas Technology Corp EL7516 Datasheet HTML 8Page - Renesas Technology Corp EL7516 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL7516
FN7333 Rev 6.00
Page 3 of 12
October 9, 2007
Block Diagram
Typical Application Circuit
COMPARATOR
OSCILLATOR
SHUTDOWN
AND START-UP
CONTROL
LX
VDD
FSEL
SHDN
SS
REFERENCE
GENERATOR
PWM LOGIC
CONTROLLER
FET
DRIVER
CURRENT
SENSE
GM
AMPLIFIER
GND
FB
COMP
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
COMP
Compensation pin. Output of the internal error amplifier. Capacitor and resistor from COMP pin to ground.
2
FB
Voltage feedback pin. Internal reference is 1.294V nominal. Connect a resistor divider from VOUT. VOUT =
1.294V (1 + R1/R2). See Typical Application Circuit.
3
SHDN
Shutdown control pin. Pull SHDN low to turn off the device.
4
GND
Analog and power ground.
5
LX
Power switch pin. Connected to the drain of the internal power MOSFET.
6
VDD
Analog power supply input pin.
7
FSEL
Frequency select pin. When FSEL is set low, switching frequency is set to 620kHz. When connected to
high or VDD, switching frequency is set to 1.25MHz.
8
SS
Soft-start control pin. Connect a capacitor to control the converter start-up.
1
2
3
4
8
7
6
5
COMP
FB
SHDN
GND
SS
FSEL
VDD
LX
+
+
3.9k
4.7nF
27nF
22µF
C3
C1
0.1µF
10µH
D1
22µF
C2
12V
2.7V TO 5.5V
R3
C5
85.2k
R1
10k
R2
C4
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com