Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7516 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7516 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL7516 Datasheet HTML 1Page - Renesas Technology Corp EL7516 Datasheet HTML 2Page - Renesas Technology Corp EL7516 Datasheet HTML 3Page - Renesas Technology Corp EL7516 Datasheet HTML 4Page - Renesas Technology Corp EL7516 Datasheet HTML 5Page - Renesas Technology Corp EL7516 Datasheet HTML 6Page - Renesas Technology Corp EL7516 Datasheet HTML 7Page - Renesas Technology Corp EL7516 Datasheet HTML 8Page - Renesas Technology Corp EL7516 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN7333 Rev 6.00
Page 1 of 12
October 9, 2007
FN7333
Rev 6.00
October 9, 2007
EL7516
600kHz/1.2MHz PWM Step-Up Regulator
DATASHEET
The EL7516 is a high frequency, high efficiency step-up
voltage regulator operated at constant frequency PWM
mode. With an internal 1.5A, 200m
 MOSFET, it can deliver
up to 600mA output current at over 90% efficiency. The
selectable 600kHz and 1.2MHz allows smaller inductors and
faster transient response. An external compensation pin
gives the user greater flexibility in setting frequency
compensation allowing the use of low ESR Ceramic output
capacitors.
When shut down, it draws <10µA of current and can operate
down to 2.5V input supply. These features along with
1.2MHz switching frequency makes it an ideal device for
portable equipment and TFT-LCD displays.
The EL7516 is available in an 8 Ld MSOP package with a
maximum height of 1.1mm. The device is specified for
operation over the full -40°C to +85°C temperature range.
Pinout
EL7516
(8 LD MSOP)
TOP VIEW
Features
• >90% efficiency
• 1.6A, 200m
 power MOSFET
•VIN > 2.5V
• 600kHz/1.2MHz switching frequency selection
• Adjustable soft-start
• Internal thermal protection
• 1.1mm max height 8 Ld MSOP package
• Pb-free plus anneal available (RoHS compliant)
Applications
•TFT-LCD displays
• DSL modems
• PCMCIA cards
• Digital cameras
• GSM/CDMA phones
• Portable equipment
• Handheld devices
FB
FSEL
SHDN
VDD
GND
LX
COMP
SS
1
2
3
4
8
7
6
5
Ordering Information
PART
NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL7516IY
f
-
8 Ld MSOP
MDP0043
EL7516IY-T7
f
7”
8 Ld MSOP
MDP0043
EL7516IY-T13
f
13”
8 Ld MSOP
MDP0043
EL7516IYZ
(Note)
BARAA
-
8 Ld MSOP
(Pb-Free)
MDP0043
EL7516IYZ-T7
(Note)
BARAA
7”
8 Ld MSOP
(Pb-Free)
MDP0043
EL7516IYZ-T13
(Note)
BARAA
13”
8 Ld MSOP
(Pb-Free)
MDP0043
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NOT RECOMME
NDED FOR NEW
DESIGNS
PIN COMPATIBL
E REPLACEME
NT IS
ISL97516


Similar Part No. - EL7516

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
March 4, 2005
EL7516 INTERSIL-EL7516 Datasheet
299Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
April 5, 2006
EL7516 INTERSIL-EL7516 Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
International Rectifier
EL7516IY IRF-EL7516IY Datasheet
303Kb / 11P
600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
March 4, 2005
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
April 5, 2006
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
March 16, 2007
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
August 27, 2010
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com