Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7516 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7516 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL7516 Datasheet HTML 4Page - Renesas Technology Corp EL7516 Datasheet HTML 5Page - Renesas Technology Corp EL7516 Datasheet HTML 6Page - Renesas Technology Corp EL7516 Datasheet HTML 7Page - Renesas Technology Corp EL7516 Datasheet HTML 8Page - Renesas Technology Corp EL7516 Datasheet HTML 9Page - Renesas Technology Corp EL7516 Datasheet HTML 10Page - Renesas Technology Corp EL7516 Datasheet HTML 11Page - Renesas Technology Corp EL7516 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EL7516
FN7333 Rev 6.00
Page 8 of 12
October 9, 2007
Applications Information
The EL7516 is a high frequency, high efficiency boost
regulator operated at constant frequency PWM mode. The
boost converter stores energy from an input voltage source
and delivers it to a higher output voltage. The input voltage
range is 2.5V to 5.5V and the output voltage range is 5V to
18V. The switching frequency is selectable between 600KHz
and 1.2MHz, allowing smaller inductors and faster transient
response. An external compensation pin gives the user
greater flexibility in setting output transient response and
tighter load regulation. The converter soft-start characteristic
can also be controlled by external CSS capacitor. The SHDN
pin allows the user to completely shut-down the device.
Boost Converter Operations
Figure 28 shows a boost converter with all the key
components. In steady state operating and continuous
conduction mode where the inductor current is continuous,
the boost converter operates in two cycles. During the first
cycle, as shown in Figure 29, the internal power FET turns
on and the Schottky diode is reverse biased and cuts off the
current flow to the output. The output current is supplied
from the output capacitor. The voltage across the inductor is
VIN and the inductor current ramps up in a rate of VIN / L, L
is the inductance. The inductance is magnetized and energy
is stored in the inductor. The change in inductor current is:
FIGURE 25. TRANSIENT RESPONSE - 1.2MHz
FIGURE 26. TYPICAL SHDN INPUT LEVEL vs VIN
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 28. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VIN = 3.3V
VOUT = 12V
IOUT = 50mA TO 300mA
0.1ms/DIV
200mV/DIV
0
1
2
3
4
5
3
3.5
4
4.5
5
5.5
6
VIN (V)
SHDN TURN OFF
SHDN TURN ON
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.0
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
JA =
115
°C
/W
MS
OP
8
0.8
0.5
0.7
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
JA =
206
°C
/W
MS
OP
8
0.5
I
L1
t1
VIN
L
---------
=
t1
D
fSW
----------
=
D
Duty Cycle
=
V
O
IOUT
COUT
----------------
t
1
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com