Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4307 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4307
Description  Power-Charge-Pump and Low-Drop Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4307 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4307 Datasheet HTML 1Page - Infineon Technologies AG TLE4307 Datasheet HTML 2Page - Infineon Technologies AG TLE4307 Datasheet HTML 3Page - Infineon Technologies AG TLE4307 Datasheet HTML 4Page - Infineon Technologies AG TLE4307 Datasheet HTML 5Page - Infineon Technologies AG TLE4307 Datasheet HTML 6Page - Infineon Technologies AG TLE4307 Datasheet HTML 7Page - Infineon Technologies AG TLE4307 Datasheet HTML 8Page - Infineon Technologies AG TLE4307 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet Rev. 1.1
5
2000-10-11
TLE 4307
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input
Input voltage
V
I
–
0.3
V
ICL
V
V
ICL = zener
clamp voltage
Input current (during
pump cycle)
I
I
–
5
–
mA
internally limited
Input current (during
active zener operation)
I
I
–
5
1000
mA
t
p < 1 ms;
duty cycle 10%
Charge-Pump Output
Voltage
V
C
–
0.3
20
V
–
Current
I
C
–
–
mA
internally limited
Slewrate Input
Voltage
V
SL
–
0.3
4.0
V
–
Current
I
SL
–
0.5
0.5
mA
–
Regulator Output
Voltage
V
Q
–
0.3
25
V
–
Current
I
Q
–
–
mA
internally limited
Temperature
Junction temperature
T
j
–
40
150
°C
–
Storage temperature
T
Stg
–
50
150
°C
–
Thermal Data
Junction-ambient
R
thj-a
–70
K/W
–
R
thj-c
–4K/W
–



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com