Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4307 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4307
Description  Power-Charge-Pump and Low-Drop Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4307 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4307 Datasheet HTML 2Page - Infineon Technologies AG TLE4307 Datasheet HTML 3Page - Infineon Technologies AG TLE4307 Datasheet HTML 4Page - Infineon Technologies AG TLE4307 Datasheet HTML 5Page - Infineon Technologies AG TLE4307 Datasheet HTML 6Page - Infineon Technologies AG TLE4307 Datasheet HTML 7Page - Infineon Technologies AG TLE4307 Datasheet HTML 8Page - Infineon Technologies AG TLE4307 Datasheet HTML 9Page - Infineon Technologies AG TLE4307 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet Rev. 1.1
7
2000-10-11
TLE 4307
Electrical Characteristics
V
I = 12 V; 40 °C< Tj <150 °C
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
min.
typ.
max.
Current consumption;
I
q = II – IQ
I
q
–1.2
2.5
mA
I
Q =0 mA
V
I =6 V
Current consumption;
I
q = II – IQ
I
q,10
–
1.4
3.0
mA
I
Q =10 mA
V
I =6 V
Current consumption;
I
q = II – IQ
I
q,250
–4
10
mA
I
Q =250 mA
V
I =6 V
Charge Pump
Switch off threshold
V
C,off
7.7
8.2
8.7
V
–
Input Clamp Voltage
V
I,cl
21
23
25
V
I
I =250 mA
Current limit
I
C,max
0.7
1.2
1.6
A
V
C =5 V
Drop voltage;
V
I – VC
V
DR025
–0.8
1.1
V
I
C = 0.25 A
Drop voltage;
V
I – VC
V
DR06
–1.2
1.5
V
I
C =0.6 A
Drop voltage;
V
I – VC
V
DR07
–1.4
2.0
V
I
C =0.7 A
Main-Regulator
Output voltage
V
Q
3.7
3.8
3.9
V
0 <
I
Q < 250 mA,
TLE 4307 DV38
Output voltage
V
Q
3.2
3.3
3.4
V
0 <
I
Q < 250 mA,
TLE 4307 DV33
Current limit
I
Q,max
0.8
1.2
1.6
A
–
Drop voltage;
V
C – VQ
V
DR025
–0.2
0.4
V
I
Q = 0,25 A
1)
Drop voltage;
V
C – VQ
V
DR06
–0.4
0.7
V
I
Q =0.6 A
1)
Drop voltage;
V
C – VQ
V
DR08
–1.0
2.0
V
I
Q =0.8 A
1)
Over all Drop voltage;
V
I – VQ
V
DR
–1.1
1.3
V
I
Q = 0.25 A
1)
Load regulation
∆V
QLO
–
20
40
mV
200 mA <
I
Q <
600 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com