Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4307 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4307
Description  Power-Charge-Pump and Low-Drop Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4307 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4307 Datasheet HTML 2Page - Infineon Technologies AG TLE4307 Datasheet HTML 3Page - Infineon Technologies AG TLE4307 Datasheet HTML 4Page - Infineon Technologies AG TLE4307 Datasheet HTML 5Page - Infineon Technologies AG TLE4307 Datasheet HTML 6Page - Infineon Technologies AG TLE4307 Datasheet HTML 7Page - Infineon Technologies AG TLE4307 Datasheet HTML 8Page - Infineon Technologies AG TLE4307 Datasheet HTML 9Page - Infineon Technologies AG TLE4307 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TLE 4307
Data Sheet Rev. 1.1
8
2000-10-11
Figure 4
Measurement Circuit
Line regulation
∆V
QLI
––
20
mV
5 V <
V
C < 8.7 V
I
Q = 10 mA
Power Supply Ripple
rejection
PSRR
– 40
–
–
dB
f
r =100 Hz;
V
r = 0.5 VSS
Output Capacitor
C
Q
22
–
–
µF
ESR < 1
Ω
Slewrate Input
Input Resistance
R
SL
60
120
200
k
Ω
V
SL = 0.2 V
1)
Drop Voltage measured when the output voltage has dropped 100 mV from the nominal value.
Electrical Characteristics (cont’d)
V
I = 12 V; 40 °C< Tj <150 °C
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
min.
typ.
max.
AES02795
Power
Charge
Pump
Very
Low-Drop
Regulator
TLE 4307
4
1
5
SL
I
V
IN = 12 V
23
CGND
C
C
470
µF
Q
V
OUT = 3.8 V
C
Q
22
µF
C
S
100 pF
L
V
R
V
10
Ω
1 mH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com