Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6501A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6501A
Description  8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6501A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6501A Datasheet HTML 7Page - Monolithic Power Systems MP6501A Datasheet HTML 8Page - Monolithic Power Systems MP6501A Datasheet HTML 9Page - Monolithic Power Systems MP6501A Datasheet HTML 10Page - Monolithic Power Systems MP6501A Datasheet HTML 11Page - Monolithic Power Systems MP6501A Datasheet HTML 12Page - Monolithic Power Systems MP6501A Datasheet HTML 13Page - Monolithic Power Systems MP6501A Datasheet HTML 14Page - Monolithic Power Systems MP6501A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP6501A – 35V, 2.5A MICROSTEPPING MOTOR DRIVER WITH INTEGRATED FETS
MP6501A Rev. 1.11
www.MonolithicPower.com
11
8/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP6501A is a bipolar stepper motor driver
that integrates 8 N-Channel power MOSFETs
arranged as 2 full-bridges, with 2.5A current
capability over a wide input voltage range of 8V
to 35V. It is designed to operate bipolar stepper
motors in full-, half-, quarter-, and eighth- step
modes. The current in each of the two output
full-bridges is regulated with programmable
constant off-time PWM (pulse width modulated)
control circuitry. At each step, the current for
each full-bridge is set by the value of its
external current sense resistor, a reference
voltage (VREF), and the output voltage of its
DAC which is controlled by the output of the
translator.
Stepping
The motor moves step by step by applying a
series of pulses to the STEP pin. A rising edge
on the STEP input sequences the translator
one increment in the direction set by the level of
the DIR input. The translator controls the input
to the DACs and the direction of current flow in
each winding. The amplitude of the increment is
determined by the state of inputs MS1, MS2
and MS3 (see Table 1).
The STEP input minimum high/low pulse width
is 1us. The logic control signals MSx and DIR
require at least 200ns setup time and hold time
to the STEP rising edge.
Time Duration
Symbol
Typ.
Unit
Step
minimum
HIGH
pulse width
tA
1
µs
Step
minimum
LOW
pulse width
tB
1
µs
Setup time, input change
to STEP
tC
200
ns
Hold time, input change
to STEP
tD
200
ns
Figure 2: Logic Timing Diagram
The motor winding currents are regulated by a
programmable constant off-time PWM current
control circuit. This operates as follows:
 Initially, a diagonal pair of MOSFETs
turns on so current can flow through the
motor winding.
 The current increases in the motor
winding, which is sensed by an external
sense resistor (RSENSE). During the initial
blanking time tBLANK, the high-side
MOSFET always turns on regardless of
current limit detection.
 When the voltage across RSENSE reaches
the current regulation threshold, the
internal current comparator either shuts
off the high-side MOSFET so the
winding inductance current freewheels
through the two low-side MOSFETs
(slow decay), or turns on the opposite
diagonal pair of MOSFETs so the
current flows back to the input (fast
decay).
 The current keeps decreasing for the
constant off-time.
 The cycle then repeats.
The constant off-time, toff, is determined by the
selection of an external resistor Rt which is
approximated by
OFF
t
t
(ns) 190 R (k )

The full-scale (100%) current limit threshold is
calculated by
REF
Max LIMIT
SENSE
V
I
5R
The DAC output reduces the VREF output to the
current sense comparator in precise steps (see
table 2 for %ITrip-LIMIT at each step).
Trip LIMIT
Trip LIMIT Max LIMIT
I%I
I

Microstep Select (MS1, MS2, MS3)
The step mode is selected by applying logic
high and low voltages to the MS1, MS2 and
MS3 pins as shown in Table 1. The MP6501A
supports full-, half-, quarter-, and eighth- step
modes
for
progressively
finer
step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com