Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6501A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6501A
Description  8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6501A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6501A Datasheet HTML 8Page - Monolithic Power Systems MP6501A Datasheet HTML 9Page - Monolithic Power Systems MP6501A Datasheet HTML 10Page - Monolithic Power Systems MP6501A Datasheet HTML 11Page - Monolithic Power Systems MP6501A Datasheet HTML 12Page - Monolithic Power Systems MP6501A Datasheet HTML 13Page - Monolithic Power Systems MP6501A Datasheet HTML 14Page - Monolithic Power Systems MP6501A Datasheet HTML 15Page - Monolithic Power Systems MP6501A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP6501A – 35V, 2.5A MICROSTEPPING MOTOR DRIVER WITH INTEGRATED FETS
MP6501A Rev. 1.11
www.MonolithicPower.com
12
8/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
resolution and control. Full step has four states
with each motor winding driven with either
70.7% maximum positive current or 70.7%
maximum negative current. This provides four
steps per electrical rotation. Half step creates 8
steps per electrical rotation. Quarter- and
eighth- step provide 16 and 32 steps per
rotation respectively. Table 2 shows the relative
current level sequence for different settings of
MSx.
Table 1: Stepping Format
MS3
MS2
MS1
STEP MODE
L
L
L
Full Step
L
L
H
Half Step
L
H
L
Quarter Step
L
H
H
Eighth Step
H
L
L
Reserved
H
L
H
Reserved
H
H
L
Reserved
H
H
H
Reserved
Decay Modes
During the PWM off time, the output current
decay can operate in slow, fast, or mixed decay,
depending on the voltage level at the MDS
input, and any current change commanded by a
STEP transition.
If the voltage on the MDS input pin is less than
2.5V, then mixed decay mode with adjustable
fast decay ratio is selected. The time that the
device operates in fast decay is approximated
by:
OFF
mds
FD
t
V
V
t
4
.
0
)
(
After this fast decay portion tFD, the device will
switch to slow decay mode for the remainder of
the constant off-time period. Note that if the
MDS pin is set to 0V (connected to ground),
slow decay is used for the entire off time.
If the voltage at the MDS input is greater than
2.8 V, then automatic decay mode is selected.
In automatic decay mode, if the commanded
current level is equal or higher than the level at
the previous step, then slow decay is selected;
if current level is lower than previous level, then
mixed decay with fixed 30% fast decay ratio is
selected.
nRSET, nSLEEP, and nENBL Operation
When the nRSET pin is set to low, the
excitation position is forcibly set to the home
position. The step input signal is ignored during
this period.
Driving nSLEEP low will put the device into a
low power sleep state. In this state, the gate
drive charge pump and 3P3VOUT regulator is
stopped; all the internal circuits and H-bridge
outputs are disabled. All inputs are ignored
when nSLEEP is active low. When waking up
from sleep mode, some time (approximately 1
ms) needs to pass before issuing a STEP
command, to allow the internal circuitry to
stabilize.
The nENBL pin is used to control the output
drivers. When nENBL is low, the output H-
bridge outputs are enabled, and rising edges on
the STEP pin are recognized. When nENBL is
high, the H-bridge outputs are disabled, and the
STEP input is ignored.
Blanking Time
There is usually a current spike during the
switching transition due to the body diode’s
reverse-recovery current or the distributed
inductance or capacitance. This current spike
requires filtering to prevent it from erroneously
shutting down the high-side MOSFET. An
internal fixed blanking time tBLANK blanks the
output of the current sense comparator when
the outputs are switched, which is also the
minimum on time for high-side MOSFET.
In automatic decay mode, if the current limit is
reached within the blanking time, the mixed
decay with 30% fast decay ratio is performed
after the blanking time.
Charge Pump
The MP6501A integrates an internal charge
pump to generate gate drive voltage for the
high-side
MOSFETs.
The
charge
pump
requires a 100nF ceramic capacitor (rated for at
least the voltage applied to VIN) to be
connected between the CPA and CPB pins,
and a 1uF 16V ceramic capacitor connected
between VCP and VIN.
Fault
MP6501A provides a nFAULT pin, which
reports the system if the protection circuit
operates by detecting a fault condition such as
OCP, OTP and OVP. This pin is of the open-
drain output type and will be driven low once



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com