Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6501A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6501A
Description  8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6501A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6501A Datasheet HTML 9Page - Monolithic Power Systems MP6501A Datasheet HTML 10Page - Monolithic Power Systems MP6501A Datasheet HTML 11Page - Monolithic Power Systems MP6501A Datasheet HTML 12Page - Monolithic Power Systems MP6501A Datasheet HTML 13Page - Monolithic Power Systems MP6501A Datasheet HTML 14Page - Monolithic Power Systems MP6501A Datasheet HTML 15Page - Monolithic Power Systems MP6501A Datasheet HTML 16Page - Monolithic Power Systems MP6501A Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP6501A – 35V, 2.5A MICROSTEPPING MOTOR DRIVER WITH INTEGRATED FETS
MP6501A Rev. 1.11
www.MonolithicPower.com
13
8/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
the fault condition occurs. If the fault condition
is released, the nFAULT pin would be pulled to
high level.
Over-Current Protection
The over-current protection circuit limits the
current through the FET by disabling the gate
driver. If the over-current limit threshold is
reached and lasts for longer than the over-
current deglitch time, all MOSFETs in the H-
bridge will be disabled and the nFAULT pin will
be driven low. The driver will remain disabled
and is reset to enable state after 5ms(typ). After
5 times auto-recovery, the chip will shutdown if
the over-current condition still exists.
Over-current conditions on both high and low
side devices; i.e., a short to ground, supply, or
across the motor winding will all result in an
over-current shutdown. Note that over-current
protection does not use the current sense
circuitry used for PWM current control, and is
independent of the sense resistor value or
VREF voltage.
Over-Voltage Protection
If the input voltage on the VIN pin is higher than
the OVP threshold, the H-bridge output will be
disabled and the nFAULT pin will be driven low.
This protection is released when VIN drops to a
safe level.
Input UVLO Protection
If at any time the voltage on the VIN pin falls
below the under-voltage lockout threshold
voltage, all circuitry in the device will be
disabled and internal logic will be reset.
Operation will resume when VIN rises above
the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, all
MOSFETs in the H-bridge will be disabled and
the nFAULT pin will be driven low. Once the die
temperature has fallen to a safe level operation
will automatically resume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com