Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6504 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6504
Description  8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6504 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6504 Datasheet HTML 1Page - Monolithic Power Systems MP6504 Datasheet HTML 2Page - Monolithic Power Systems MP6504 Datasheet HTML 3Page - Monolithic Power Systems MP6504 Datasheet HTML 4Page - Monolithic Power Systems MP6504 Datasheet HTML 5Page - Monolithic Power Systems MP6504 Datasheet HTML 6Page - Monolithic Power Systems MP6504 Datasheet HTML 7Page - Monolithic Power Systems MP6504 Datasheet HTML 8Page - Monolithic Power Systems MP6504 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP6504
– 32V, 2A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6504 Rev. 1.0
www.MonolithicPower.com
4
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
8
24
32
V
Quiescent current
I
Q
VIN = 24V, nENBL = 0,
nSLEEP = 1, with no load
7
10
mA
I
SLEEP
VIN = 24V, nSLEEP = 0
1
µA
Voltage Regulator
3P3VOUT reference output
V3P3
IOUT = 1mA
3.2
3.3
3.45
V
Internal MOSFETs
Output on resistance
R
HS
VIN = 24V, I
OUT = 1A, TJ = 25°
C
0.22
0.35
Ω
VIN = 24V, I
OUT = 1A, TJ = 85°
C
0.25
Ω
R
LS
VIN = 24V, I
OUT = 1A, TJ = 25°
C
0.22
0.35
Ω
VIN = 24V, I
OUT = 1A, TJ = 85°
C
0.25
Ω
Body diode forward voltage
VF
I
OUT = 1.5A
1.3
V
Control Logic
Input logic low threshold
VIL
All logic pins
0.6
V
Input logic high threshold
VIH
All logic pins
2
V
Logic input current
IIN(H)
VIH = 5V
-25
25
µA
IIN(L)
VIL = 0.8V
-8
8
µA
Internal pull-down resistance
R
PD
All logic pins
530
k
Ω
Home, nFault Outputs (Open-Drain Outputs)
Output low voltage
VOL
IO = 5mA
0.5
V
Output high leakage current
IOH
VO = 3.3V
1
µA
Protection Circuit
UVLO rising threshold
V
IN_RISE
6.5
7
7.7
V
UVLO hysteresis
(5)
V
HYS
970
mV
Input OVP threshold
VOVP
36
37.9
40
V
Input OVP hysteresis
∆V
OVP
600
mV
Over-current trip level
IOCP1
Sinking
3.5
6.75
10
A
IOCP2
Sourcing
3.5
6.75
10
A
Over-current deglitch time
(5)
tOCP
1
µs
Thermal shutdown
(5)
TTSD
165
°C
Thermal shutdown hysteresis
(5)
∆T
TSD
30
°C
Current Control
Constant off time
tOFF
Rt = 200kΩ
20
30
40
µs
Blanking time
t
BLANK
2
µs
Crossover dead time
tDT
HS off to LS on, or LS off to HS
on
400
ns
VREF input current
IREF
VREF = 3.3V
3.5
µA
SENx trip voltage
VTRIP
VREF = 3.3V, 100% (no switch in
test mode)
600
645
700
mV
Current trip accuracy
∆I
TRIP
VREF = 3.3V, 70% - 100%
-5
5
%
VREF = 3.3V, 38% - 64%
-10
10
%
VREF = 3.3V, 19% - 30%
-15
15
%
VREF = 3.3V, <10%
-20
20
%
Charge pump frequency
fCP
525
kHz
NOTE:
5) Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com