Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6504 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6504
Description  8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6504 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6504 Datasheet HTML 7Page - Monolithic Power Systems MP6504 Datasheet HTML 8Page - Monolithic Power Systems MP6504 Datasheet HTML 9Page - Monolithic Power Systems MP6504 Datasheet HTML 10Page - Monolithic Power Systems MP6504 Datasheet HTML 11Page - Monolithic Power Systems MP6504 Datasheet HTML 12Page - Monolithic Power Systems MP6504 Datasheet HTML 13Page - Monolithic Power Systems MP6504 Datasheet HTML 14Page - Monolithic Power Systems MP6504 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP6504
– 32V, 2A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6504 Rev. 1.0
www.MonolithicPower.com
11
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Microstep Selection (MS1, MS2)
The step mode is selected by the logic levels
applied to the MS1 and MS2 input pins. The
MP6504 supports full-, half-, quarter-, and
eighth-step modes.
Full-step mode has four states, with each motor
winding driven with either 70.7% maximum
positive current or 70.7% maximum negative
current. This provides four steps per electrical
rotation. Half-step provides eight steps per
electrical rotation; quarter-step provides 16
steps
per
electrical
rotation;
eighth-step
provides 32 steps per rotation. Refer to Table 3
and Figure 3 for details.
Table 2 shows step modes selected for different
settings of the MS1 and MS2 input pins.
Table 2: Stepping Format
MS2
MS1
Step Mode
L
L
Full-step
L
H
Half-step
H
L
Quarter-step
H
H
Eighth-step
Decay Modes
During the PWM off time, the output can
operate in slow, fast, or mixed decay mode,
depending on the voltage level at the MDS
input pin and any current change commanded
by a STEP transition.
If the voltage on the MDS input pin is less than
2.5V,
then
mixed
decay
mode
with
an
adjustable fast decay ratio is selected. The time
that the device operates in fast decay can be
approximated with Equation (4):
FD
mds
OFF
t
V
(V) 0.4 t
(4)
After this fast decay period (tFD), the MP6504
switches to slow decay mode for the remainder
of the constant-off-time period. Note that if MDS
is set to 0V (connected to ground), slow decay
is used for the entire off time.
If the voltage at the MDS input is greater than
2.8V, then automatic decay mode is selected.
In automatic decay mode, if the commanded
current level is equal to or higher than the level
at the previous step, then slow decay is
selected. If the current level is lower than the
previous level, then mixed decay with a fixed
30% fast decay ratio is selected.
nRSET, nSLEEP, and nENBL Operation
When nRSET is driven logic low, the step table
is reset to the home position (see Table 3). The
STEP input signal is ignored while nRSET is
low.
Driving nSLEEP low puts the device into a low
power sleep state. In this state, all inputs are
ignored when nSLEEP is active low. When
waking up from sleep mode, approximately 1ms
of time must pass before issuing a STEP
command to allow the internal circuitry to
stabilize.
nENBL is used to control the output drivers.
When nENBL is low, the output H-bridge
outputs are enabled, and the rising edges on
STEP are recognized. When nENBL is high, the
H-bridge outputs are disabled, and the STEP
input is ignored.
Note that the nRSET, nSLEEP, and nENBL
inputs have internal pull-down resistors.
Blanking Time
There is usually a current spike during the
switching transition caused by body diode
reverse-recovery
current
or
the
distributed
capacitance of the motor winding. This current
spike requires filtering to prevent it from
shutting
down
the
high-side
MOSFET
prematurely. An internal fixed blanking time
(tBLANK) blanks the output of the current sense
comparator when the outputs are switched,
which is also the minimum on time for the high-
side MOSFET.
In automatic decay mode, if the current limit is
reached within the blanking time, the mixed
decay with 30% fast decay ratio is performed
immediately after the blanking time.
Charge Pump
The MP6504 integrates an internal charge
pump to generate a gate drive voltage for the
high-side
MOSFETs.
The
charge
pump
requires a 100nF ceramic capacitor rated for at
least the voltage applied to VIN to be connected
between CPA and CPB, and a 1µF, 16V
ceramic capacitor connected between VCP and
VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com