Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6504 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6504
Description  8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6504 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6504 Datasheet HTML 8Page - Monolithic Power Systems MP6504 Datasheet HTML 9Page - Monolithic Power Systems MP6504 Datasheet HTML 10Page - Monolithic Power Systems MP6504 Datasheet HTML 11Page - Monolithic Power Systems MP6504 Datasheet HTML 12Page - Monolithic Power Systems MP6504 Datasheet HTML 13Page - Monolithic Power Systems MP6504 Datasheet HTML 14Page - Monolithic Power Systems MP6504 Datasheet HTML 15Page - Monolithic Power Systems MP6504 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP6504
– 32V, 2A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6504 Rev. 1.0
www.MonolithicPower.com
12
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Fault
The MP6504 provides an nFAULT pin, which is
driven low when a fault condition such as OCP,
OTP, or OVP occurs. nFAULT is an open-drain
output, so if it is used, an external pull-up
resistor is required. When the fault condition is
released, nFAULT is pulled to a high level by
the external pull-up resistor.
Over-Current Protection (OCP)
The over-current protection (OCP) circuit limits
the current through any MOSFET. If the over-
current limit threshold is reached and lasts
longer than the over-current deglitch time, all
MOSFETs in the H-bridge are disabled, and
nFAULT is driven low. The driver remains
disabled for approximately 5ms, then is re-
enabled automatically. If this cycle repeats five
times, the MP6504 shuts down.
Over-current conditions on both the high- and
low-side devices (i.e.: a short to ground, supply,
or across the motor winding) result in an over-
current shutdown. Note that OCP does not use
the current sense circuitry used for PWM
current control and is independent of the sense
resistor value or VREF voltage.
Over-Voltage Protection (OVP)
If the input voltage on VIN is higher than the
OVP threshold, the H-bridge output is disabled,
and nFAULT is driven low. This protection is
released when VIN drops to a safe level.
Input UVLO Protection
If the voltage on VIN falls below the under-
voltage lockout (UVLO) threshold voltage at any
time, all circuitry in the device is disabled, and
the internal logic is reset. Operation resumes
when VIN rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, all
MOSFETs in the H-bridge are disabled, and
nFAULT
is
driven
low.
Once
the
die
temperature has fallen to a safe level, operation
resumes automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com