Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6506 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6506
Description  2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6506 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6506 Datasheet HTML 1Page - Monolithic Power Systems MP6506 Datasheet HTML 2Page - Monolithic Power Systems MP6506 Datasheet HTML 3Page - Monolithic Power Systems MP6506 Datasheet HTML 4Page - Monolithic Power Systems MP6506 Datasheet HTML 5Page - Monolithic Power Systems MP6506 Datasheet HTML 6Page - Monolithic Power Systems MP6506 Datasheet HTML 7Page - Monolithic Power Systems MP6506 Datasheet HTML 8Page - Monolithic Power Systems MP6506 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP6506 –2.7V-TO-15V, 500mA, STEPPER MOTOR DRIVER
MP6506 Rev. 1.0
www.MonolithicPower.com
2
5/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP6506GQ*
QFN16 (3×3mm)
AJU
*
For Tape & Reel, add suffix –Z (e.g. MP6506GQ–Z);
PACKAGE REFERENCE
QFN16 (3×3mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN ......................... -0.3V to 18V
AOUTx Voltage VAOUTx ...............-0.3V to VIN+1V
BOUTx Voltage VBOUTx ...............-0.3V to VIN+1V
BST Voltage VBST.......................-0.3V to VIN+7V
All Other Pins................................ -0.3V to 6.5V
Junction Temperature.............................. 150°C
Lead Temperature ................................... 260°C
Continuous Power Dissipation (TA = +25°C)
(2)
QFN16 (3×3mm)........................................2.1W
Operating Temperature.............. -40°C to +85°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 2.7V to 15V
Output Current IA/BOUT..............................500mA
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN16(3×3mm) .....................60 ...... 12 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com