Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6506 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6506
Description  2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6506 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6506 Datasheet HTML 5Page - Monolithic Power Systems MP6506 Datasheet HTML 6Page - Monolithic Power Systems MP6506 Datasheet HTML 7Page - Monolithic Power Systems MP6506 Datasheet HTML 8Page - Monolithic Power Systems MP6506 Datasheet HTML 9Page - Monolithic Power Systems MP6506 Datasheet HTML 10Page - Monolithic Power Systems MP6506 Datasheet HTML 11Page - Monolithic Power Systems MP6506 Datasheet HTML 12Page - Monolithic Power Systems MP6506 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP6506 –2.7V-TO-15V, 500mA, STEPPER MOTOR DRIVER
MP6506 Rev. 1.0
www.MonolithicPower.com
12
5/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PCB Layout Guide
The printed circuit board (PCB) should use a
heavy ground-plane. The MP6506 must be
soldered directly onto the board for better
electrical and thermal performance.
The MP6506 uses an exposed pad, which
provides a path for enhanced thermal dissipation.
The thermal pad should be soldered directly to
copper on the PCB. Thermal vias are often used
to transfer heat to other layers of the PCB.
Top Layer
Bottom Layer
Figure 7: PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com