Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6506 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6506
Description  2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6506 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6506 Datasheet HTML 1Page - Monolithic Power Systems MP6506 Datasheet HTML 2Page - Monolithic Power Systems MP6506 Datasheet HTML 3Page - Monolithic Power Systems MP6506 Datasheet HTML 4Page - Monolithic Power Systems MP6506 Datasheet HTML 5Page - Monolithic Power Systems MP6506 Datasheet HTML 6Page - Monolithic Power Systems MP6506 Datasheet HTML 7Page - Monolithic Power Systems MP6506 Datasheet HTML 8Page - Monolithic Power Systems MP6506 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP6506 –2.7V-TO-15V, 500mA, STEPPER MOTOR DRIVER
MP6506 Rev. 1.0
www.MonolithicPower.com
4
5/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =2.7V to 15V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Type
Max
Units
Cross Over Delay
TCROSS
HS off to LS on or LS off to HS
on for one bridge arm
200
425
650
ns
Sleep Mode Wakeup Time
TWAKE
Sleep inactive high to full bridge
turn on (V
BST=100nF)
1.5
ms
Protection Circuitry
Thermal Shutdown
165
°C
Thermal Shutdown
Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com