Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEGAPAC Datasheet(PDF) 2 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 2 Page - Vicor Corporation

  MEGAPAC Datasheet HTML 1Page - Vicor Corporation MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 2 of 10
03/2016
MegaPAC™ Family
MegaPAC Family
MegaPAC Configuration
[a] Low noise ripple for EL power supplies is 10mVP-P or 0.15% whichever is greater.
[b] ConverterPACs with Maxi module
Model
Dimension
Input Voltage
Output Power
Number of
Outputs
ConvertPACs™
Per Slot
Mini MegaPAC™
9.5 x 6.0 x 3.4in
[241.3 x 152.4 x 86.4mm]
90 – 132 /
180 – 264VAC Strappable
260 – 380VDC
1,000W @ 115VAC
or 230 Vac
1 – 10
(5 slots)
ModuPAC™, JrPAC™,
DualPAC™, RamPAC™,
BatPAC™
PFC MegaPAC-EL/HPEL™ [a]
15.6 x 6.0” x 3.4in
[396.2 x 152.4 x 86.4mm]
85 – 264VAC
100 – 380VDC
1,200W @ 115VAC
2,400W @ 230VAC
1 – 16
(8 slots)
QPAC™, DualQPAC™,
JrQPAC™, FinQPAC™ [b]
(FinQPAC requires 2 slots)
PFC MegaPAC/HP™
12.3 x 6.0 x 3.4in
[312.4 x 152.4 x 86.4mm]
85 – 264VAC
100 – 380 Vdc
2,400W @ 230VAC
1,200W @ 115VAC
1 – 16
(8 slots)
ModuPAC, JrPAC,
DualPAC, RamPAC,
BatPAC, FinPAC™ [a]
(FinPACs require 2 slots)
4kW MegaPAC™
14.0 x 7.5 x 4.9in
[355.6 x 190.5 x 124.5mm]
208 or 240VAC
Three Phase
260 – 352VDC
4,000W – 3 phase
1 – 20
(10 slots)
ModuPAC, JrPAC,
DualPAC, RamPAC,
BatPAC, UniPAC™ [b]
DC-DC Converter
At the heart of every MegaPAC are Vicor zero-current switching, DC-DC
converters. The modularity of the design combined with the breadth of the
product line means virtually any output voltage can be provided.
ConverterPAC
ConverterPACs are the slide-in output assemblies that allow each MegaPAC
to be easily configured to user-specified output requirements. Using the
Vicor DC-DC converter, up to 600W of output power can be provided
per ConverterPAC. Larger power needs are easily handled by paralleling
ConverterPACs.
MegaPAC
Each MegaPAC houses an array of user-selected ConverterPACs to provide a
customized power supply. Using a different front end for each product line,
almost any input power can be accommodated. The result is a customized
power supply with off-the-shelf delivery.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com