Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEGAPAC Datasheet(PDF) 4 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 4 Page - Vicor Corporation

  MEGAPAC Datasheet HTML 1Page - Vicor Corporation MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 4 of 10
03/2016
MegaPAC™ Family
Performance Specifications (Cont.)
Typical at 25ºC, nominal line and 75% load, unless otherwise specified
Parameter
PFC MegaPAC™, PFC MegaPAC-HP™,
PFC MegaPAC-HPEL™, PFC MegaPAC-EL™
Mini MegaPAC™
4kW MegaPAC™
Environmental
Storage Temperature
–40 to +85ºC
Operating Temperature [c]
Vantage Line Full Power
0 to +40ºC
0 to +45ºC
0 to +45ºC
Vantage Line Half Power
0 to +60ºC
0 to +65ºC
0 to +65ºC
Standard Line Full Power
–20 to +40ºC
–20 to +45ºC
–20 to +45ºC
Standard Line Half Power
–20 to +60ºC
–20 to +65ºC
–20 to +65ºC
Safety Agency Approvals
cTÜVus
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
Product Weight (Fully Configured)
9.75lbs [4.43kg] (PFC MegaPAC & HP)
6.25lbs [2.84kg]
22.0lbs [10kg]
12.8lbs [5.8kg] (PFC MegaPAC EL)
13.0lbs [6.0kg] (PFC MegaPAC HPEL)
Limited Warranty
2 Years
[c] PFC MegaPACs: The maximum operating temperature is 40°C. If using a VI-200™ with output voltage <12V and >150W, the operating temperature
decreases to 35°C. This also applies when using a FinPAC™ with output voltage <24V and >500W. Mini MegaPAC & 4kW MegaPACs: The operating
temperature is 45°C using any combination of modules and output voltages as long as the front-end rating is not exceeded. Normal derating applies to half
power if the ambient temperature is 20°C hotter.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com