Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEGAPAC Datasheet(PDF) 3 Page - Vicor Corporation

Part # MEGAPAC
Description  User- and Field-Configurable Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MEGAPAC Datasheet(HTML) 3 Page - Vicor Corporation

  MEGAPAC Datasheet HTML 1Page - Vicor Corporation MEGAPAC Datasheet HTML 2Page - Vicor Corporation MEGAPAC Datasheet HTML 3Page - Vicor Corporation MEGAPAC Datasheet HTML 4Page - Vicor Corporation MEGAPAC Datasheet HTML 5Page - Vicor Corporation MEGAPAC Datasheet HTML 6Page - Vicor Corporation MEGAPAC Datasheet HTML 7Page - Vicor Corporation MEGAPAC Datasheet HTML 8Page - Vicor Corporation MEGAPAC Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MegaPAC™ Family
Rev 1.6
Page 3 of 10
03/2016
MegaPAC™ Family
Performance Specifications
Typical at 25ºC, nominal line and 75% load, unless otherwise specified
Parameter
PFC MegaPAC™, PFC MegaPAC-HP™,
PFC MegaPAC-HPEL™, PFC MegaPAC-EL™
Mini MegaPAC™
4kW MegaPAC™
Input Charactersitics
Input
85 – 264VAC
115 – 230VAC, Strappable
208 / 240VAC, 3-phase, 4 wire
180 – 264VAC 1-phase
Standard Line
47 – 500Hz
Vantage Line
47 – 63Hz
100 – 380VDC
260 – 380VDC
260 – 352VDC
Line Regulation
0.2% max from 10% to full load
Inrush Current
25APK at 115VAC
80APK at 115 and 230VAC
30APK at 230VAC
25APK at 230VAC
Ride-Through Time
>20ms at nominal line, full load
Power Fail
>3ms warning
Conducted EMI
(47 – 63Hz)
EN 55022 Level B (certain configurations)
EN 55022 Level A
EN 55022 Level A
FCC B
Power Factor
0.99 (115VAC)
0.65
0.92 (3-phase operation)
0.98 (230VAC)
Surge Immunity
(Common Mode & Normal Mode)
EN 61000-4-5 Class 3, Performance Critera B
Output Charactersitics
Load Regulation
0.2% max from 10% to full load
0.5% from no load to 10% load
Set-Point Accuracy
Standard Line:1.0% for standard voltages, 2.0% for special or adjustable voltages
Vantage Line: 2.0% for standard voltages, 5.0% for special or adjustable voltages
See Vicor module specifications.
A preload may be necessary for modules trimmed down below 90% of normal output voltage.
Ripple and Noise
(20MHz BWL)
Standard outputs: 2% or 100mVP-P max whichever is greater, 10% minimum load
VXI options: 50mVP-P max for outputs, ≤15VDC; 150mVP-P max. 15V < VOUT ≤ 24V; 1% VOUT > 24V
2nd Generation QPAC, FinPAC, FinQPAC and UniPAC performance dependent on the converter module used.
(Output of module is unfiltered.)
QPAC, DualQPAC, JuniorQPAC, RamPAC: 10mVP-P max or 0.15%, whichever is greater.
Overcurrent Protection
105 –130% > 5V outputs
30 – 125% ≤ 5V outputs
Overvoltage Protection
ModuPACs and QPACs: 115 – 135%
Efficiency
80% typical
82% typical
82% typical
Output Power
1,600W at 40°C (230VAC)
PFC MegaPAC; PFC MegaPAC-EL (Low Noise)
1,000W at 45°C (115 / 230VAC)
4,000W at 45°C (3-phase)
2,400W at 40°C (230VAC)
PFC MegaPAC HP, PFC MegaPAC HPEL
1,500W at 45°C (1-phase)
1,200W at 40°C (115VAC) PFC MegaPACs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com