Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPAC-X Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 35Page - Infineon Technologies AG IPAC-X Datasheet HTML 36Page - Infineon Technologies AG IPAC-X Datasheet HTML 37Page - Infineon Technologies AG IPAC-X Datasheet HTML 38Page - Infineon Technologies AG IPAC-X Datasheet HTML 39Page - Infineon Technologies AG IPAC-X Datasheet HTML 40Page - Infineon Technologies AG IPAC-X Datasheet HTML 41Page - Infineon Technologies AG IPAC-X Datasheet HTML 42Page - Infineon Technologies AG IPAC-X Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
39
2003-01-30
3.2.2
Parallel Microcontroller Interface
The 8-bit parallel microcontroller interface with address decoding on chip allows easy
and fast microcontroller access.
The parallel interface of the IPAC-X provides three types of
mP buses which are selected
via pin ALE. The bus operation modes with corresponding pins are listed in Table 5.
The occurrence of an edge on ALE, either positive or negative, at any time during the
operation immediately selects the interface type (3). A return to one of the other interface
types is possible only if a hardware reset is issued.
Note: If the multiplexed address/data bus type (3) is selected, the unused address pins
A0-A7 must be tied to VDD.
A read/write access to the IPAC-X registers can be done in multiplexed or non-
multiplexed mode:
• In non-multiplexed mode the register address must be applied to the address bus (A0-
A7) for the data access via the data bus (AD0-AD7).
• In multiplexed mode the address on the address/data bus (AD0-AD7) is latched in by
ALE before a data read/write access via the same bus is performed.
The IPAC-X provides two different ways to address the register contents which is
selected with the AMOD pin (’0’ = direct mode, ’1’ = indirect mode). Figure 10 illustrates
both register addressing modes.
Direct address mode (AMOD = ’0’): The register address to be read or written is directly
set in the way described above.
Indirect address mode (AMOD = ’1’): Only the LSB of the address is used to select
either the address register (A0 = ’0’) or the data register (A0 = ’1’). The microcontroller
writes the register address to the ADDRESS register before it reads/writes data from/to
the corresponding DATA register.
In indirect address mode the IPAC-X evaluates no address line except the least
significant address bit. The remaining address lines must not be left open but have to be
tied to logical ’1’.
Table 5
Bus Operation Modes
Bus Mode
Pin ALE
Control Pins
(1)
Motorola
VDD
CS, R/W, DS
(2)
Siemens/Intel non-multiplexed
VSS
CS, WR, RD
(3)
Siemens/Intel multiplexed
Edge
CS, WR, RD, ALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com