Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPAC-X Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 72Page - Infineon Technologies AG IPAC-X Datasheet HTML 73Page - Infineon Technologies AG IPAC-X Datasheet HTML 74Page - Infineon Technologies AG IPAC-X Datasheet HTML 75Page - Infineon Technologies AG IPAC-X Datasheet HTML 76Page - Infineon Technologies AG IPAC-X Datasheet HTML 77Page - Infineon Technologies AG IPAC-X Datasheet HTML 78Page - Infineon Technologies AG IPAC-X Datasheet HTML 79Page - Infineon Technologies AG IPAC-X Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
76
2003-01-30
Figure 42
State Transition Diagram (TE, LT-T)
X
1) DR for transition from F7 or F8
DR6 for transition from F6
2) AR stands for AR8 or AR10
3) AI stands for AI8 or AI10
4) X stands for commands initiating unconditional
transitions (RES, ARL, SSP or SCP)
TO1:
16 ms
TO2:
0.5 ms
statem_te_s.vsd
F3
Pending Deact.
DR1)
i0
i0
F3
Deactivated
DC
DI
i0
i0
AR i2
TIM
i0*TO1
F3
Power Up
PU TIM
i0
i0
DI
TIM
DI
i2
DI*TO2
TIM*TO2
i0
F8
Lost Framing
RSY
i0
X
i4
i0*TO1
i0*TO1
AR
DI
i2
F7
Activated
AI3) AR2)
i3
i4
F6
Synchronized
AR
i3
i2
X
F5
Unsynchronized
RSY
i0
ix
i2
i0
F4
Pending Act.
PU AR2)
i1
i0
X
i4
i2
i2
i4
ix
ix
TIM
i4
i4
i4
TIM
DI
TIM
X4)
Uncond. State
X
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com