Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPAC-X Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 85Page - Infineon Technologies AG IPAC-X Datasheet HTML 86Page - Infineon Technologies AG IPAC-X Datasheet HTML 87Page - Infineon Technologies AG IPAC-X Datasheet HTML 88Page - Infineon Technologies AG IPAC-X Datasheet HTML 89Page - Infineon Technologies AG IPAC-X Datasheet HTML 90Page - Infineon Technologies AG IPAC-X Datasheet HTML 91Page - Infineon Technologies AG IPAC-X Datasheet HTML 92Page - Infineon Technologies AG IPAC-X Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
89
2003-01-30
Activation Indication
Loop
AIL
1110
Activation Indication Loop
Deactivation
Confirmation
DC
1111
Deactivation Confirmation. Transfers the
transceiver into a deactivated state in which it
can be activated from a terminal (detection of
INFO 0 enabled).
Indication
Abbr.
Code
Remark
Timing
TIM
0000
Interim indication during deactivation procedure.
Receiver not
Synchronous
RSY
0100
Receiver is not synchronous.
Activation Request
AR
1000
INFO 0 received from terminal. Activation
proceeds.
Illegal Code
Ciolation
CVR
1011
Illegal code violation received. This function
has to be enabled in TR_CONF0.EN_ICV.
Activation Indication
AI
1100
Synchronous receiver, i.e. activation
completed.
Deactivation
Indication
DI
1111
Timer (32 ms) expired or INFO 0 received for a
duration of 16 ms after deactivation request.
Command
Abbr.
Code
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com