Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660AIBA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7660AIBA
Description  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660AIBA Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7660AIBA Datasheet HTML 1Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 2Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 3Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 4Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 5Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 6Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 7Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 8Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.00
Page 3 of 13
January 23, 2013
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13.0V
LV and OSC Input Voltage (Note 5)
V+ < 5.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to V+ + 0.3V
V+ > 5.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ -5.5V to V+ +0.3V
Current into LV (Note 5)
V+ > 3.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20µA
Output Short Duration
VSUPPLY  5.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
Operating Conditions
Temperature Range
ICL7660SI, ICL7660AI . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
ICL7660SC, ICL7660AC . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical, Notes 6, 7)
JA (°C/W) JC (°C/W)
8 Ld PDIP* . . . . . . . . . . . . . . . . . . . . . .
110
59
8 Ld Plastic SOIC. . . . . . . . . . . . . . . . .
160
48
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder
processing only. They are not intended for use in reflow solder
processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. Connecting any terminal to voltages greater than V+ or less than GND may cause destructive latchup. It is recommended that no inputs from
sources operating from external supplies be applied prior to “power up” of ICL7660S and ICL7660A.
6.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
JC, the “case temp” location is taken at the package top center.
8. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in reflow solder processing applications.
Electrical Specifications
ICL7660S and ICL7660A, V+ = 5V, TA = +25°C, OSC = Free running (see Figure 12, “ICL7660S Test Circuit”
on page 7 and Figure 13 “ICL7660A Test Circuit” on page 7), unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
Supply Current (Note 11)
I+
RL = , +25°C
-
80
160
µA
0°C < TA < +70°C
-
-
180
µA
-40°C < TA < +85°C
-
-
180
µA
-55°C < TA < +125°C
-
-
200
µA
Supply Voltage Range - High
(Note 12)
V+H
RL = 10k, LV Open, TMIN < TA < TMAX
3.0
-
12
V
Supply Voltage Range - Low
V+L
RL = 10k, LV to GND, TMIN < TA < TMAX
1.5
-
3.5
V
Output Source Resistance
ROUT
IOUT = 20mA
-
60
100
IOUT = 20mA, 0°C < TA < +70°C
-
-
120
IOUT = 20mA, -25°C < TA < +85°C
-
-
120
IOUT = 20mA, -55°C < TA < +125°C
-
-
150
IOUT = 3mA, V+ = 2V, LV = GND,
0°C < TA < +70°C
-
-
250
IOUT = 3mA, V+ = 2V, LV = GND,
-40°C < TA < +85°C
-
-
300
IOUT = 3mA, V+ = 2V, LV = GND,
-55°C < TA < +125°C
-
-
400
Oscillator Frequency (Note 10)
fOSC
COSC = 0, Pin 1 Open or GND
5
10
-
kHz
COSC = 0, Pin 1 = V+
-
35
-
kHz
Power Efficiency
PEFF
RL = 5k
96
98
-
%
TMIN < TA < TMAX RL = 5k
95
97
-
-
Voltage Conversion Efficiency
VOUTEFF RL =
99
99.9
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com