Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660AIBA Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICL7660AIBA
Description  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660AIBA Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICL7660AIBA Datasheet HTML 5Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 6Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 7Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 8Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 9Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 10Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 11Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 12Page - Renesas Technology Corp ICL7660AIBA Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.00
Page 9 of 13
January 23, 2013
Typical Applications
Simple Negative Voltage Converter
The majority of applications will undoubtedly utilize the
ICL7660S and ICL7660A for generation of negative supply
voltages. Figure 15 shows typical connections to provide a
negative supply where a positive supply of +1.5V to +12V is
available. Keep in mind that pin 6 (LV) is tied to the supply
negative (GND) for supply voltage below 3.5V.
The output characteristics of the circuit in Figure 15 can be
approximated by an ideal voltage source in series with a
resistance as shown in Figure 15B. The voltage source has
a value of -(V+). The output impedance (RO) is a function of
the ON resistance of the internal MOS switches (shown in
Figure 14), the switching frequency, the value of C1 and C2,
and the ESR (equivalent series resistance) of C1 and C2. A
good first order approximation for RO is shown in
Equation 2:
Combining the four RSWX terms as RSW, we see in
Equation 3 that:
RSW, the total switch resistance, is a function of supply
voltage and temperature (see the output source resistance
graphs, Figures 2, 3, and 11), typically 23
 at +25°C and 5V.
Careful selection of C1 and C2 will reduce the remaining
terms, minimizing the output impedance. High value
capacitors will reduce the 1/(fPUMP x C1) component, and low
ESR capacitors will lower the ESR term. Increasing the
oscillator frequency will reduce the 1/(fPUMP x C1) term, but
may have the side effect of a net increase in output
impedance when C1 > 10µF and is not long enough to fully
charge the capacitors every cycle. Equation 4 shows a typical
application where fOSC = 10kHz and C = C1 = C2 = 10µF:
Since the ESRs of the capacitors are reflected in the output
impedance multiplied by a factor of 5, a high value could
potentially swamp out a low 1/fPUMP x C1 term, rendering an
increase in switching frequency or filter capacitance
ineffective. Typical electrolytic capacitors may have ESRs as
high as 10
.
Output Ripple
ESR also affects the ripple voltage seen at the output. The
peak-to-peak output ripple voltage is given by Equation 5:
A low ESR capacitor will result in a higher performance
output.
Paralleling Devices
Any number of ICL7660S and ICL7660A voltage converters
may be paralleled to reduce output resistance. The reservoir
capacitor, C2, serves all devices, while each device requires
its own pump capacitor, C1. The resultant output resistance
is approximated in Equation 6:
Cascading Devices
The ICL7660S and ICL7660A may be cascaded as shown to
produce larger negative multiplication of the initial supply
voltage. However, due to the finite efficiency of each device,
the practical limit is 10 devices for light loads. The output
voltage is defined as shown in Equation 7:
where n is an integer representing the number of devices
cascaded. The resulting output resistance would be
approximately the weighted sum of the individual ICL7660S
and ICL7660A ROUT values.
Changing the ICL7660S and ICL7660A Oscillator
Frequency
It may be desirable in some applications, due to noise or other
considerations, to alter the oscillator frequency. This can be
achieved simply by one of several methods.
By connecting the Boost Pin (Pin 1) to V+, the oscillator
charge and discharge current is increased and, hence, the
oscillator frequency is increased by approximately 3.5 times.
The result is a decrease in the output impedance and ripple.
1
2
3
4
8
7
6
5
+
-
10µF
10µF
ICL7660S
VOUT = -V+
V+
+
-
RO VOUT
V+
+
-
15A.
15B.
FIGURE 15. SIMPLE NEGATIVE CONVERTER AND ITS
OUTPUT EQUIVALENT
ICL7660A
R0 2RSW1 RSW3 ESRC1
++
 2R
SW2
RSW4 ESRC1
++

+

(EQ. 2)
1
fPUMP C1
-------------------------------- ESRC2
+
fPUMP
fOSC
2
--------------
=
RSWX MOSFET Switch Resistance
=

R0 2xRSW
1
fPUMP C1
-------------------------------- 4xESRC1 ESRC2
++
+
(EQ. 3)
R0 2x23
1
510
3
10
10
6
–
--------------------------------------------------- 4xESRC1 ESRC2
++
+
(EQ. 4)
R0 46 20 5
++
ESRC
VRIPPLE
1
2fPUMP
C2
----------------------------------------- 2ESRC2 IOUT
+


(EQ. 5)
ROUT
ROUT of ICL7660S

n number of devices

---------------------------------------------------------
=
(EQ. 6)
VOUT
nVIN

–
=
(EQ. 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com