| Electronic Components Datasheet Search |
|
ICL7660AIBA Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICL7660AIBA Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 13 page ![]() ICL7660S, ICL7660A FN3179 Rev 7.00 Page 2 of 13 January 23, 2013 Ordering Information PART NUMBER (NOTE 3) PART MARKING TEMP. RANGE (°C) PACKAGE PKG. DWG. # ICL7660SCBA (Note 1) 7660 SCBA 0 to +70 8 Ld SOIC M8.15 ICL7660SCBAZ (Notes 1, 2) 7660 SCBAZ 0 to +70 8 Ld SOIC (Pb-free) M8.15 ICL7660SCPA 7660S CPA 0 to +70 8 Ld PDIP E8.3 ICL7660SCPAZ (Note 2) 7660S CPAZ 0 to +70 8 Ld PDIP (Pb-free; Note 4) E8.3 ICL7660SIBA (Note 1) 7660 SIBA -40 to +85 8 Ld SOIC M8.15 ICL7660SIBAZ (Notes 1, 2) 7660 SIBAZ -40 to +85 8 Ld SOIC (Pb-free) M8.15 ICL7660SIPA 7660 SIPA -40 to +85 8 Ld PDIP E8.3 ICL7660SIPAZ (Note 2) 7660S IPAZ -40 to +85 8 Ld PDIP (Pb-free; Note 4) E8.3 ICL7660ACBA (Note 1) 7660ACBA 0 to 70 8 Ld SOIC (N) M8.15 ICL7660ACBAZA (Notes 1, 2) 7660ACBAZ 0 to 70 8 Ld SOIC (N) (Pb-free) M8.15 ICL7660ACPA 7660ACPA 0 to 70 8 Ld PDIP E8.3 ICL7660ACPAZ (Note 2) 7660ACPAZ 0 to 70 8 Ld PDIP (Pb-free; Note 4) E8.3 ICL7660AIBA (Note 1) 7660AIBA -40 to 85 8 Ld SOIC (N) M8.15 ICL7660AIBAZA (Notes 1, 2) 7660AIBAZ -40 to 85 8 Ld SOIC (N) (Pb-free) M8.15 NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ICL7660S, ICL7660A. For more information on MSL, please see Tech Brief TB363. 4. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in reflow solder processing applications. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |