Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6207CB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6207CB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6207CB Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6207CB Datasheet HTML 1Page - Renesas Technology Corp ISL6207CB Datasheet HTML 2Page - Renesas Technology Corp ISL6207CB Datasheet HTML 3Page - Renesas Technology Corp ISL6207CB Datasheet HTML 4Page - Renesas Technology Corp ISL6207CB Datasheet HTML 5Page - Renesas Technology Corp ISL6207CB Datasheet HTML 6Page - Renesas Technology Corp ISL6207CB Datasheet HTML 7Page - Renesas Technology Corp ISL6207CB Datasheet HTML 8Page - Renesas Technology Corp ISL6207CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ISL6207
FN9075 Rev 8.00
Page 4 of 10
December 2, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VEN, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT). . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 36V
BOOT to PHASE Voltage (VBOOT-PHASE) . . . . . . . . . . . -0.3V to 7V
PHASE Voltage . . . . . . . . . . . . . GND - 0.3V (DC) to VBOOT + 0.3V
. . . . . . . . . GND - 5V (<100ns Pulse Width, 10µJ) to VBOOT + 0.3V
UGATE Voltage . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT + 0.3V
. . . . . . .VPHASE - 4V (<200ns Pulse Width, 20µJ) to VBOOT + 0.3V
LGATE Voltage . . . . . . . . . . . . . . GND - 0.3V (DC) to VVCC + 0.3V
. . . . . . . . . . . GND - 2V (<100ns Pulse Width, 4µJ) to VVCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to 125°C
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-10°C to 100°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
SOIC Package (Note 2) . . . . . . . . . . . .
110
N/A
QFN Package (Notes 3, 4). . . . . . . . . .
95
36
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The Phase Voltage is capable of withstanding -7V when the BOOT pin is at GND.
2.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
4. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
EN = LOW
-
-
5.0
A
Bias Supply Current
IVCC
PWM pin floating, VVCC = 5V
-
30
-
A
BOOTSTRAP DIODE
Forward Voltage
VF
VVCC = 5V, forward bias current = 2mA
0.45
0.60
0.65
V
PWM INPUT
Input Current
IPWM
VPWM = 5V
-
250
-
A
VPWM = 0V
-
-250
-
A
PWM Three-State Rising Threshold
VVCC = 5V
-
-
1.7
V
PWM Three-State Falling Threshold
VVCC = 5V
3.3
-
-
V
Three-State Shutdown Holdoff Time
VVCC = 5V, temperature = 25°C
-
300
-
ns
EN INPUT
EN LOW Threshold
1.0
-
-
V
EN HIGH Threshold
--
2.0
V
SWITCHING TIME
UGATE Rise Time (Note 5)
tRUGATE
VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Rise Time (Note 5)
tRLGATE
VVCC = 5V, 3nF Load
-
8
-
ns
UGATE Fall Time (Note 5)
tFUGATE
VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Fall Time (Note 5)
tFLGATE
VVCC = 5V, 3nF Load
-
4
-
ns
UGATE Turn-Off Propagation Delay
tPDLUGATE VVCC = 5V, Outputs Unloaded
-
18
-
ns
LGATE Turn-Off Propagation Delay
tPDLLGATE VVCC = 5V, Outputs Unloaded
-
15
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com