Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6207CB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6207CB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6207CB Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6207CB Datasheet HTML 1Page - Renesas Technology Corp ISL6207CB Datasheet HTML 2Page - Renesas Technology Corp ISL6207CB Datasheet HTML 3Page - Renesas Technology Corp ISL6207CB Datasheet HTML 4Page - Renesas Technology Corp ISL6207CB Datasheet HTML 5Page - Renesas Technology Corp ISL6207CB Datasheet HTML 6Page - Renesas Technology Corp ISL6207CB Datasheet HTML 7Page - Renesas Technology Corp ISL6207CB Datasheet HTML 8Page - Renesas Technology Corp ISL6207CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ISL6207
FN9075 Rev 8.00
Page 2 of 10
December 2, 2005
ISL6207 Block Diagram
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6207CB
ISL6207CB
-10 to 85
8 Lead SOIC
M8.15
ISL6207CBZ
(Note)
ISL6207CBZ
-10 to 85
8 Lead SOIC
(Pb-free)
M8.15
ISL6207CBZA
(Note)
ISL6207CBZ
-10 to 85
8 Lead SOIC
(Pb-free)
M8.15
ISL6207CR
207C
-10 to 85
8 Lead 3x3 QFN L8.3x3
ISL6207CRZ
(Note)
07CZ
-10 to 85
8 Lead 3x3 QFN
(Pb-free)
L8.3x3
ISL6207CRZA
(Note)
07CZ
-10 to 85
8 Lead 3x3 QFN
(Pb-free)
L8.3x3
ISL6207HBZ
(Note)
ISL6207HBZ
-10 to 100
8 Ld SOIC (Pb-
free)
M8.15
ISL6207HRZ
(Note)
07HZ
-10 to 100
8 Ld 3x3 QFN
(Pb-free)
L8.3x3
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
VCC
PWM
VCC
10K
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
GND
VCC
EN
THERMAL PAD (FOR QFN PACKAGE ONLY)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com