Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6207CB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6207CB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6207CB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6207CB Datasheet HTML 2Page - Renesas Technology Corp ISL6207CB Datasheet HTML 3Page - Renesas Technology Corp ISL6207CB Datasheet HTML 4Page - Renesas Technology Corp ISL6207CB Datasheet HTML 5Page - Renesas Technology Corp ISL6207CB Datasheet HTML 6Page - Renesas Technology Corp ISL6207CB Datasheet HTML 7Page - Renesas Technology Corp ISL6207CB Datasheet HTML 8Page - Renesas Technology Corp ISL6207CB Datasheet HTML 9Page - Renesas Technology Corp ISL6207CB Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISL6207
FN9075 Rev 8.00
Page 8 of 10
December 2, 2005
Thermal Management
For maximum thermal performance in high current, high
switching frequency applications, connecting the thermal pad
of the QFN part to the power ground with multiple vias, or
placing a low noise copper plane underneath the SOIC part is
recommended. This heat spreading allows the part to achieve
its full thermal potential.
Suppressing MOSFET Gate Leakage
With VCC at ground potential, UGATE and LGATE are high
impedance. In this state, any stray leakage has the potential to
deliver charge to either gate. If UGATE receives sufficient
charge to bias the device on (Note: Internal circuitry prevents
leakage currents from charging above 1.8V), a low impedance
path will be connected between the MOSFET drain and
PHASE. If the input power supply is present and active, the
system could see potentially damaging currents. Worst-case
leakage currents are on the order of pico-amps; therefore, a
10k
 resistor, connected from UGATE to PHASE, is more than
sufficient to bleed off any stray leakage current. This resistor
will not affect the normal performance of the driver or reduce its
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com