Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1LP0408CSB-5SC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1LP0408CSB-5SC
Description  4M SRAM (512-kword 횞 8-bit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408CSB-5SC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1LP0408CSB-5SC Datasheet HTML 3Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 4Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 5Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 6Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 7Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 8Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 9Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 10Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
R1LP0408C-C Series
Rev.2.00, May.26.2004, page 7 of 12
AC Characteristics
(Ta =
−20 to +70°C, V
CC = 5 V
± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: V
IL = 0.4 V, VIH = 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate + C
L (50 pF) (R1LP0408C-5SC)
1 TTL Gate + CL (100 pF) (R1LP0408C-7LC)
(Including scope and jig)
Read Cycle
R1LP0408C-C
-5SC
-7LC
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
tRC
55
70
ns
Address access time
tAA
55
70
ns
Chip select access time
tCO
55
70
ns
Output enable to output valid
tOE
25
35
ns
Chip select to output in low-Z
tLZ
10
10
ns
2
Output enable to output in low-Z
tOLZ
5
5
ns
2
Chip deselect to output in high-Z
tHZ
0
20
0
25
ns
1, 2
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1, 2
Output hold from address change
tOH
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com