Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1LP0408CSB-5SC Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1LP0408CSB-5SC
Description  4M SRAM (512-kword 횞 8-bit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408CSB-5SC Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1LP0408CSB-5SC Datasheet HTML 4Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 5Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 6Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 7Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 8Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 9Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 10Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 11Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
R1LP0408C-C Series
Rev.2.00, May.26.2004, page 8 of 12
Write Cycle
R1LP0408C-C
-5SC
-7LC
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Write cycle time
tWC
55
70
ns
Chip selection to end of write
tCW
50
60
ns
4
Address setup time
tAS
0
0
ns
5
Address valid to end of write
tAW
50
60
ns
Write pulse width
tWP
40
50
ns
3, 12
Write recovery time
tWR
0
0
ns
6
Write to output in high-Z
tWHZ
0
20
0
25
ns
1, 2, 7
Data to write time overlap
tDW
25
30
ns
Data hold from write time
tDH
0
0
ns
Output active from end of write
tOW
5
5
ns
2
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1, 2, 7
Notes: 1. tHZ, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. A write occurs during the overlap (tWP) of a low CS# and a low WE#. A write begins at the later
transition of CS# going low or WE# going low. A write ends at the earlier transition of CS# going
high or WE# going high. tWP is measured from the beginning of write to the end of write.
4. tCW is measured from CS# going low to the end of write.
5. tAS is measured from the address valid to the beginning of write.
6. tWR is measured from the earlier of WE# or CS# going high to the end of write cycle.
7. During this period, I/O pins are in the output state so that the input signals of the opposite phase
to the outputs must not be applied.
8. If the CS# low transition occurs simultaneously with the WE# low transition or after the WE#
transition, the output remain in a high impedance state.
9. Dout is the same phase of the write data of this write cycle.
10. Dout is the read data of next address.
11. If CS# is low during this period, I/O pins are in the output state. Therefore, the input signals of
the opposite phase to the outputs must not be applied to them.
12. In the write cycle with OE# low fixed, tWP must satisfy the following equation to avoid a problem of
data bus contention. tWP
≥ tDW min + tWHZ max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com