Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1LP0408CSB-5SC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R1LP0408CSB-5SC
Description  4M SRAM (512-kword 횞 8-bit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408CSB-5SC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R1LP0408CSB-5SC Datasheet HTML 6Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 7Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 8Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 9Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 10Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 11Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 12Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 13Page - Renesas Technology Corp R1LP0408CSB-5SC Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision History
R1LP0408C-C Series Data Sheet
Contents of Modification
Rev.
Date
Page
Description
1.00
Aug.01.2003
Initial issue
2.00
May.26.2004
6
12
12
DC characteristics
−5SC and −7LC items’ description are divided.
Low VCC Data Retention Characteristics
−5SC and −7LC items’ description are divided.
Low VCC Data Retention Timing Waveform
2.4 V to 2.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com