Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6294 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL6294
Description  High Input Voltage Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6294 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL6294 Datasheet HTML 1Page - Renesas Technology Corp ISL6294 Datasheet HTML 2Page - Renesas Technology Corp ISL6294 Datasheet HTML 3Page - Renesas Technology Corp ISL6294 Datasheet HTML 4Page - Renesas Technology Corp ISL6294 Datasheet HTML 5Page - Renesas Technology Corp ISL6294 Datasheet HTML 6Page - Renesas Technology Corp ISL6294 Datasheet HTML 7Page - Renesas Technology Corp ISL6294 Datasheet HTML 8Page - Renesas Technology Corp ISL6294 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL6294
FN9174 Rev 4.00
Page 4 of 9
Jul 9, 2007
Typical Applications
ISL6294
VIN
BAT
IREF
GND
TO INPUT
C1
CHG
RIREF
EN
TO BATTERY
R1
C2
D1
D2
IMIN
RIMIN
ON
OFF
PPR
R2
FIGURE 1. TYPICAL APPLICATION CIRCUIT INTERFACING TO INDICATION LEDs
COMPONENT DESCRIPTION FOR FIGURE 1
PART
DESCRIPTION
C1
1
F X5R ceramic cap
C2
1
F X5R ceramic cap
RIREF
24.3k
, 1%, for 500mA charge current
RIMIN
243k
, 1%, for 45mA EOC current
R1, R2
300
, 5%
D1, D2
LEDs for indication
COMPONENT DESCRIPTION FOR FIGURE 2
PART
DESCRIPTION
C1
1
F X5R ceramic cap
C2
1
F X5R ceramic cap
RIREF
24.3k
, 1%, for 500mA charge current
RIMIN
243k
, 1%, for 45mA EOC current
R1, R2
100k
, 5%
FIGURE 2. TYPICAL APPLICATION CIRCUIT WITH THE INDICATION SIGNALS INTERFACING TO A MCU
ISL6294
VIN
BAT
IREF
GND
TO INPUT
CHG
EN
TO BATTERY
IMIN
ON
OFF
PPR
VCC
C1
RIREF
R1
C2
RIMIN
R2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com