Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6294 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6294
Description  High Input Voltage Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6294 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6294 Datasheet HTML 1Page - Renesas Technology Corp ISL6294 Datasheet HTML 2Page - Renesas Technology Corp ISL6294 Datasheet HTML 3Page - Renesas Technology Corp ISL6294 Datasheet HTML 4Page - Renesas Technology Corp ISL6294 Datasheet HTML 5Page - Renesas Technology Corp ISL6294 Datasheet HTML 6Page - Renesas Technology Corp ISL6294 Datasheet HTML 7Page - Renesas Technology Corp ISL6294 Datasheet HTML 8Page - Renesas Technology Corp ISL6294 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ISL6294
FN9174 Rev 4.00
Page 5 of 9
Jul 9, 2007
Description
The ISL6294 charges a Li-ion battery using a CC/CV profile.
The constant current IREF is set with the external resistor
RIREF (See Figure 1) and the constant voltage is fixed at
4.2V. If the battery voltage is below a typical 2.55V trickle-
charge threshold, the ISL6294 charges the battery with a
trickle current of 19% of IREF until the battery voltage rises
above the trickle charge threshold. Fast charge CC mode is
maintained at the rate determined by programming IREF until
the cell voltage rises to 4.2V. When the battery voltage
reaches 4.2V, the charger enters a CV mode and regulates
the battery voltage at 4.2V to fully charge the battery without
the risk of over charge. Upon reaching an end-of-charge
(EOC) current, the charger indicates the charge completion
with the CHG pin, but the charger continues to output the
4.2V voltage. Figure 4 shows the typical charge waveforms
after the power is on.
The EOC current level IMIN is programmable with the
external resistor RIMIN (See Figure 1). The CHG signal turns
FIGURE 3. BLOCK DIAGRAM
VREF
EN
+115°C
DIE
TEMP
VIN
PPR
EN
GND
CHG
IMIN
IREF
BAT
200k
VOS
BAT
POR
CHARGE
CONTROL
PRE
REG
VCC
VREF
VCC
IREF
TRICKLE
CC
CV
IMIN
4.2V
TIME
2.55V
CHG
CHARGE
CURRENT
CHARGE
VOLTAGE
CHG
INDICATION
76%I REF
19%IREF
FIGURE 4. TYPICAL CHARGE PROFILE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com