Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6294 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6294
Description  High Input Voltage Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6294 Datasheet(HTML) 6 Page - Renesas Technology Corp

  ISL6294 Datasheet HTML 1Page - Renesas Technology Corp ISL6294 Datasheet HTML 2Page - Renesas Technology Corp ISL6294 Datasheet HTML 3Page - Renesas Technology Corp ISL6294 Datasheet HTML 4Page - Renesas Technology Corp ISL6294 Datasheet HTML 5Page - Renesas Technology Corp ISL6294 Datasheet HTML 6Page - Renesas Technology Corp ISL6294 Datasheet HTML 7Page - Renesas Technology Corp ISL6294 Datasheet HTML 8Page - Renesas Technology Corp ISL6294 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ISL6294
FN9174 Rev 4.00
Page 6 of 9
Jul 9, 2007
to LOW when the trickle charge starts and rises to HIGH at
the EOC. After the EOC is reached, the charge current has
to rise to typically 76% IREF for the CHG signal to turn on
again, as shown in Figure 4. The current surge after EOC
can be caused by a load connected to the battery.
A thermal foldback function reduces the charge current
anytime when the die temperature reaches typically +115°C.
This function guarantees safe operation when the printed
circuit board (PCB) is not capable of dissipating the heat
generated by the linear charger. The ISL6294 accepts an input
voltage up to 28V but disables charging when the input
voltage exceeds the OVP threshold, typically 6.8V, to protect
against unqualified or faulty AC adapters.
PPR Indication
The PPR pin is an open-drain output to indicate the
presence of the AC adapter. Whenever the input voltage is
higher than the POR threshold, the PPR pin turns on the
internal open-drain MOSFET to indicate a logic LOW signal,
independent on the EN pin input. When the internal open-
drain FET is turned off, the PPR pin should leak less than
1µA current. When turned on, the PPR pin should be able to
sink at least 10mA current under all operating conditions.
The PPR pin can be used to drive an LED (see Figure 1) or
to interface with a microprocessor.
Power-Good Range
The power-good range is defined by the following three
conditions:
1. VIN > VPOR
2. VIN - VBAT > VOS
3. VIN < VOVP
where the VOS is the offset voltage for the input and output
voltage comparator, discussed shortly, and the VOVP is the
overvoltage protection threshold given “Electrical
Specifications” on page 2. All VPOR, VOS, and VOVP have
hysteresis, as given in “Electrical Specifications” on page 2.
The charger will not charge the battery if the input voltage is
not in the power-good range.
Input and Output Comparator
The charger will not be enabled unless the input voltage is
higher than the battery voltage by an offset voltage VOS.
The purpose of this comparator is to ensure that the charger
is turned off when the input power is removed from the
charger. Without this comparator, it is possible that the
charger will fail to power down when the input is removed
and the current can leak through the PFET pass element to
continue biasing the POR and the Pre-Regulator blocks
shown in the Block Diagram on page 5.
CHG Indication
The CHG is an open-drain output capable to at least 10mA
current when the charger starts to charge and turns off when
the EOC current is reached. The CHG signal is interfaced
either with a micro-processor GPIO or an LED for indication.
EN Input
EN is an active-low logic input to enable the charger. Drive
the EN pin to LOW or leave it floating to enable the charger.
This pin has a 200k
 internal pulldown resistor so when left
floating, the input is equivalent to logic LOW. Drive this pin to
HIGH to disable the charger. The threshold for HIGH is given
in “Electrical Specifications”on page 2.
IREF Pin
The IREF pin has the two functions as described in the Pin
Description section. When setting the fast charge current,
the charge current is guaranteed to have 10% accuracy with
the charge current set at 500mA. When monitoring the
charge current, the accuracy of the IREF pin voltage vs the
actual charge current has the same accuracy as the gain
from the IREF pin current to the actual charge current. The
accuracy is 10% at 500mA and is expected to drop to 30% of
the actual current (not the set constant charge current) when
the current drops to 50mA.
Operation Without the Battery
The ISL6294 relies on a battery for stability and is not
guaranteed to be stable if the battery is not connected. With
a battery, the charger will be stable with an output ceramic
decoupling capacitor in the range of 1µF to 200µF. The
maximum load current is limited by the dropout voltage or
the thermal foldback.
Dropout Voltage
The constant current may not be maintained due to the
rDS(ON) limit at a low input voltage. The worst case on
resistance of the pass FET is 1.2
 the maximum operating
temperature, thus if tested with 0.5A current and 3.8V
battery voltage, constant current could not be maintained
when the input voltage is below 4.4V.
Thermal Foldback
The thermal foldback function starts to reduce the charge
current when the internal temperature reaches a typical
value of +115°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com