Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617B Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2617B Datasheet HTML 17Page - Monolithic Power Systems MP2617B Datasheet HTML 18Page - Monolithic Power Systems MP2617B Datasheet HTML 19Page - Monolithic Power Systems MP2617B Datasheet HTML 20Page - Monolithic Power Systems MP2617B Datasheet HTML 21Page - Monolithic Power Systems MP2617B Datasheet HTML 22Page - Monolithic Power Systems MP2617B Datasheet HTML 23Page - Monolithic Power Systems MP2617B Datasheet HTML 24Page - Monolithic Power Systems MP2617B Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
21
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
of the following events happens, the timer is
refreshed and the MP2617A and MP2617B re-
starts the charge cycle.
Input re-startup
Refresh EN
_____
/ISET signal
Auto-Recharge
NTC Thermistor
The NTC pin allows MP2617A and MP2617B to
sense the battery temperature using the Negative
Thermal Coefficient (NTC) thermistor usually
available in the battery pack to ensure safe
operating environment of the battery. A resistor
with appropriate value should be connected from
VCC to NTC and the NTC resistor is from NTC
pin to AGND. The voltage on NTC pin is
determined by the resistor divider whose divide
ratio as the different resistance of the NTC
thermistor depends on the ambient temperature
of the battery.
The MP2617A and MP2617B has an internal
NTC voltage comparator to set the upper and
lower limit of the divide ratio. If NTC pin voltage
falls out of this range it means the temperature is
outside the safe operating range,
As a result, the MP2617A and MP2617B will stop
charging
and
report
it
on
indication
pins.
Charging will automatically resume after the
temperature falls back into the safe range.
Thermal Protection
The
MP2617A
and
MP2617B
implements
thermal protection to prevent the thermal damage
to the IC or surrounding components. An internal
thermal
sense
and
feedback
loop
will
automatically decrease the charge current when
the die-temperature rises to about 120
oC. This
function is referred as charge current thermal
fold-back. This feature protects the MP2617A
and MP2617B from excessive temperature due
to high power operation or high ambient thermal
conditions. Another benefit of this feature is
charge current can be set according to the
requirement rather than worst-case conditions for
a given application with the assurance of safe
operation. The MP2617A and MP2617B will stop
charging if the junction temperature rises above
150
oC as the IC enters thermal shutdown
protection.
Battery Discharge Protection
When the input power is removed or invalid, the
system load will draw power from the battery via
the battery switch. Under this condition, the
battery switch is fully on to minimize the power
loss. The MP2617A and MP2617B integrates
battery
discharge
protection.
If
the
battery
discharge current is larger than the discharge
current limit threshold IDIS (5A), the current will be
regulated at the preset limited value. And if the
current increases further, the SYS voltage starts
to decrease. When VSYS drops to about 800mV
lower than VBATT, SYS short condition is detected.
Under this condition, the discharge current is
limited at 230mA. In the event of a short from
system to GND the discharge current from the
battery to the system is also limited to 230mA.
Furthermore, battery voltage UVLO is always
monitored. If the battery voltage is lower than the
battery UVLO threshold, the battery switch is
turned off immediately. This feature makes sure
the battery from over-discharged.
Dynamic Power Path Management (DPPM)
In the presence of a valid input source, the PWM
converter will supply the current to both the
system and the battery charger.
The voltage VSYS is regulated based on the value
of the battery voltage. When VBATT is higher than
3.4V, VSYS is regulated 200mv above VBATT to
charge the battery. When VBATT is lower than
3.4V, to ensure the system can still be powered
up even with a drained battery connected, VSYS is
regulated at constant 3.6V.
When the input source is overloaded, either the
current exceeds the input current limit or the
voltage falls below the input voltage limit, the
MP2617A and MP2617B then reduces the
charge current until the input current falls below
the input current limit and the input voltage rises
above the input voltage limit. If the system
current increases beyond the power allowed by
the input source, additional power will be drawn
from the battery via an on-
chip 40mΩ MOSFET
working as an ideal diode.
Additionally, if the input source is removed, the
MP2617A and MP2617B will turn on the 40m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com