Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617B Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2617B Datasheet HTML 3Page - Monolithic Power Systems MP2617B Datasheet HTML 4Page - Monolithic Power Systems MP2617B Datasheet HTML 5Page - Monolithic Power Systems MP2617B Datasheet HTML 6Page - Monolithic Power Systems MP2617B Datasheet HTML 7Page - Monolithic Power Systems MP2617B Datasheet HTML 8Page - Monolithic Power Systems MP2617B Datasheet HTML 9Page - Monolithic Power Systems MP2617B Datasheet HTML 10Page - Monolithic Power Systems MP2617B Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
7
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
SYS Output (MP2617B)
Minimum SYS Regulation Voltage
VSYS
SYS voltage @ VBATT≤3.4V,
SYSFB float
3.45
3.6
3.75
V
SYS Regulation Voltage
VSYS
3.4V<VBATT≤4.2V, SYSFB float
BATT Float
3.5
VBATT+
0.2V
4.5
V
User Programmed by SYSFB
4.08
4.4
V
SYS Reference Voltage
VSYS_REF
1.135
1.152
1.170
V
Battery Discharge
BATT to SYS Resistance
VIN=0V, ISYS=200mA, VBATT=4.2V
40
50
m
Ω
BATT to SYS Current Limit
VSYS>VBATT–800mV, VBATT=4.2V
4
5
6
A
SYS short
230
mA
Battery Charger Voltage Spec (MP2617A)
Terminal Battery Voltage
VBATT
VBATT>VRECH, ICHG≤IBF, SYSFB float
4.328
4.35
4.372
V
VSYS<4.2V Programmed by
SYSFB Pin
VSYS-
0.04 x
IBF
V
Recharge Threshold at VBATT
VRECH
SYSFB Float
4.04
4.14
4.24
V
SYSFB programmed
3.99
4.09
4.19
V
Recharge Hysteresis
85
mV
Trickle Charge Threshold
3.01
3.11
3.21
V
Trickle Charger Hysteresis
200
mV
Battery Charger Voltage Spec (MP2617B)
Terminal Battery Voltage
VBATT
VBATT>VRECH, ICHG≤IBF, SYSFB float
4.179
4.2
4.221
V
VSYS<4.2V Programmed by
SYSFB Pin
VSYS-
0.04 x
IBF
V
Recharge Threshold at VBATT
VRECH
SYSFB Float
3.9
4.0
4.1
V
SYSFB programmed
3.85
3.95
4.05
V
Recharge Hysteresis
85
mV
Trickle Charge Threshold
2.9
3
3.1
V
Trickle Charger Hysteresis
200
mV
Battery Charger Current Spec
Trickle Charge Current
ITRICKLE
10%
ICC
Termination Charger Current
IBF
5%
10%
15%
ICC
IBF Maximum Limit
150
200
mA
Constant Current Mode Charge
Current
ICC
RISET=760
2.475
2.75
3.02
5
A
RISET=1.53k
1.26
1.4
1.54
A
RISET=4.6k
0.405
0.450
0.495
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com