Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617B Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2617B Datasheet HTML 1Page - Monolithic Power Systems MP2617B Datasheet HTML 2Page - Monolithic Power Systems MP2617B Datasheet HTML 3Page - Monolithic Power Systems MP2617B Datasheet HTML 4Page - Monolithic Power Systems MP2617B Datasheet HTML 5Page - Monolithic Power Systems MP2617B Datasheet HTML 6Page - Monolithic Power Systems MP2617B Datasheet HTML 7Page - Monolithic Power Systems MP2617B Datasheet HTML 8Page - Monolithic Power Systems MP2617B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
4
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
BST
Bootstrap. A capacitor is connected between SW and BST pin to form a floating supply
across the power switch driver
to drive the power switch’s gate above the supply voltage.
3
IN
Power input of the IC from adapter or USB.
2,4
SW
Switch output.
5
PGND
Power ground.
6
EN
_____
Function logic control pin of the IC. Logic low to enable the part and logic high to disable the
part.
7
M0
Mode Select Input Pin, in combination with M1 pin, setting the input current limit mode.
8
M1
Mode Select Input Pin, in combination with M0 pin, setting the input current limit mode.
9
CHGOK
_____________
Open drain output. It is pulled low during charging. And it is pulled high through an external
resistor to VCC to indicate charge completed.
10
ACOK
__________
Open drain output. It is pulled low to indicate the presence of a valid input power supply.
Otherwise, it is pulled high through an external resistor to VCC to indicate invalid input or
removed input.
11
AGND
Analog ground.
12
SYSFB
SYS voltage program pin. Connect a resistor divider from the pin to SYS and AGND to
program the system output voltage. Leave the pin float to disable the function.
13
SYS
DC-DC regulator output to power the system load and charge the battery.
14
BATT
Positive battery terminal.
15
ISET
Charge current program pin. A resistor from the pin to AGND can program the charge
current during CC charge. Float the pin will disable the charge function.
16
NTC
Thermistor input. Connect a resistor from this pin to VCC and the thermistor from this pin to
ground. The thermistor is usually inside the battery pack.
17
ILIM
Input current limit program pin. A resistor from the pin to AGND can program the input
current limit with adapter input.
18
TMR
Set timer out period. Connect TMR pin to AGND to disable the internal timer.
19
VLIM
Input voltage clamp program pin.
20
VCC
Supply voltage of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com