Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617HGL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2617HGL
Description  Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617HGL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2617HGL Datasheet HTML 16Page - Monolithic Power Systems MP2617HGL Datasheet HTML 17Page - Monolithic Power Systems MP2617HGL Datasheet HTML 18Page - Monolithic Power Systems MP2617HGL Datasheet HTML 19Page - Monolithic Power Systems MP2617HGL Datasheet HTML 20Page - Monolithic Power Systems MP2617HGL Datasheet HTML 21Page - Monolithic Power Systems MP2617HGL Datasheet HTML 22Page - Monolithic Power Systems MP2617HGL Datasheet HTML 23Page - Monolithic Power Systems MP2617HGL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
MP2617H
– SINGLE-CELL SWITCHING CHARGER WITH NVDC POWER PATH
MP2617H Rev. 1.03
www.MonolithicPower.com
20
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
MP2617H stops charging and reports this on
the
indication
pins.
Charging
resumes
automatically after the temperature falls back
into the safe range.
Thermal Protection
The MP2617H implements thermal protection to
prevent
thermal
damage
to
the
IC
or
surrounding components. An internal thermal
sense and feedback loop decrease the charge
current automatically when the die temperature
rises to about 120°C. This function is referred to
as the charge current thermal fold-back. This
feature protects the MP2617H from excessive
temperature due to high-power operation or
high
ambient
thermal
conditions.
Another
benefit of this feature is that the charge current
can be set according to the requirement rather
than the worst-case condition for a given
application with the assurance of safe operation.
The MP2617H stops charging if the junction
temperature rises above 150°C as the IC enters
thermal shutdown protection.
Ideal Diode Mode
If the system current requirement increases
such that the pre-set input current limit of the
PWM converter is reached and the charge
current has reduced to zero, the additional
current will be drawn from the battery via the
BATT-to-SYS switch. To avoid very large
currents from being drawn from the battery
which might affect the reliability of the device,
the MP2617H controls the battery MOSFET to
work in the ideal diode mode. When VSYS drops
to 40mV lower than VBATT, then the MP2617H
will enter ideal diode mode and regulate VSYS to
VBATT - 65mV. After the system load decreases
and VSYS is 40mV higher than VBATT, the battery
MOSFET exits ideal diode mode, and the
charge cycle restarts softly.
VBATT+40mV
Enable Ideal Diode Mode
VSYS
Disable Ideal Diode Mode
VBATT-40mV
Figure 4: Ideal Diode Mode Enable/Disable
Battery Discharge Protection
When the input power is removed or invalid, the
system load draws power from the battery via
the battery switch. Under this condition, the
battery switch is fully on to minimize power loss.
The MP2617H integrates battery discharge
protection. If the battery discharge current is
larger than the discharge current limit threshold
(IDIS, 6.2A), the current is regulated at the pre-
set limited value. If the current increases further,
the SYS voltage starts to decrease. When VSYS
drops to about 800mV below VBATT, a SYS short
condition is detected. Under this condition, the
discharge current is limited at 230mA. In the
event of a short from the system to GND, the
discharge current from the battery to the system
is also limited to 230mA.
The battery voltage UVLO is always monitored.
If the battery voltage is lower than the battery
UVLO threshold, the battery switch is turned off
immediately. This feature prevents the battery
from being over-discharged.
Dynamic Power Path Management (DPPM)
In the presence of a valid input source, the
PWM converter supplies current to both the
system and the battery charger.
The voltage (VSYS) is regulated based on the
value of the battery voltage. When VBATT is
higher than 3.4V, VSYS is regulated 200mV
above VBATT to charge the battery. When VBATT
is lower than 3.4V, VSYS is regulated at a
constant 3.6V to ensure that the system can still
be powered up, even with a drained battery
connected.
When the input source is overloaded, either the
current exceeds the input current limit or the
voltage falls below the input voltage limit. The
MP2617H then reduces the charge current until
the input current falls below the input current
limit and the input voltage rises above the input
voltage limit. If the system current increases
beyond the power allowed by the input source,
additional power is drawn from the battery via
an on-
chip 40mΩ MOSFET working as an ideal
diode. If the system current increased further,
when the discharge current times the Ron is
over 65mV, the VSYS can not be regulated, the
BATT to SYS MOSFET just turned fully on, the
battery powers the system together with the
converter from VIN as the supplement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com