Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617HGL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2617HGL
Description  Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617HGL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2617HGL Datasheet HTML 3Page - Monolithic Power Systems MP2617HGL Datasheet HTML 4Page - Monolithic Power Systems MP2617HGL Datasheet HTML 5Page - Monolithic Power Systems MP2617HGL Datasheet HTML 6Page - Monolithic Power Systems MP2617HGL Datasheet HTML 7Page - Monolithic Power Systems MP2617HGL Datasheet HTML 8Page - Monolithic Power Systems MP2617HGL Datasheet HTML 9Page - Monolithic Power Systems MP2617HGL Datasheet HTML 10Page - Monolithic Power Systems MP2617HGL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
MP2617H
– SINGLE-CELL SWITCHING CHARGER WITH NVDC POWER PATH
MP2617H Rev. 1.03
www.MonolithicPower.com
7
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Battery Charger Voltage Spec
Terminal battery voltage
VBATT
VBATT > VRECH, ICHG ≤ IBF,
SYSFB float
4.179
4.2
4.221
V
VSYS < 4.2V, programmed by SYSFB
VSYS -
0.04 x
IBF
V
Recharge threshold at VBATT
VRECH
SYSFB float
3.9
4.0
4.1
V
SYSFB programmed
3.85
3.95
4.05
V
Recharge hysteresis
85
mV
Trickle charge threshold
2.9
3
3.1
V
Trickle charger hysteresis
200
mV
Battery Charger Current Spec
Trickle charge current
ITRICKLE
10%
ICC
Termination charger current
IBF
5%
10%
15%
ICC
IBF maximum limit
150
200
mA
Constant current mode
charge current
ICC
RISET = 760Ω
2.475
2.75
3.025
A
RISET = 1.53kΩ
1.26
1.4
1.54
A
RISET = 4.6kΩ
0.405
0.450
0.495
A
ISET reference voltage
1.1
1.15
1.2
V
Battery UVLO
Rising
2.4
2.6
2.8
V
Falling
2.2
2.4
2.6
V
Idea diode regulation voltage
VSYS
Supplement mode
VBATT -
65mV
mV
BATT leakage current
IBATT
VBATT = 4.2V, SYS float, VIN = PGND
20
30
µA
ACOK
__________
, CHGOK
_____________
ACOK
__________
, CHGOK
_____________
output low
voltage
Sinking 5mA
270
350
mV
ACOK
__________
,CHGOK
_____________
leakage
current
Connected to 3.3V
0.1
0.5
μA
Timer
Trickle charge time
CTMR = 0.1µF, ICHG = 1A
45
Min
Total charge time
CTMR = 0.1µF, ICHG = 1A
6.5
Hour
Negative Temperature Coefficient (NTC) Control
NTC low temp rising
threshold
VTHL
RNTC = NCP18XH103F, 0°C
63
65
67
%VCC
Hysteresis on low temp
threshold
35
mV
NTC high temp falling
threshold
VTHH
RNTC = NCP18XH103F, 50°C
32
33.5
35
%VCC
Hysteresis on high temp
threshold
70
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com