Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617HGL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2617HGL
Description  Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617HGL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2617HGL Datasheet HTML 1Page - Monolithic Power Systems MP2617HGL Datasheet HTML 2Page - Monolithic Power Systems MP2617HGL Datasheet HTML 3Page - Monolithic Power Systems MP2617HGL Datasheet HTML 4Page - Monolithic Power Systems MP2617HGL Datasheet HTML 5Page - Monolithic Power Systems MP2617HGL Datasheet HTML 6Page - Monolithic Power Systems MP2617HGL Datasheet HTML 7Page - Monolithic Power Systems MP2617HGL Datasheet HTML 8Page - Monolithic Power Systems MP2617HGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MP2617H
Wide input Voltage, 3A, Switching Charger
With NVDC Power Path Management
For Single Cell Li+ Battery
MP2617H Rev. 1.03
www.MonolithicPower.com
1
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2617H is a monolithic, switch-mode,
battery charger with power path management
for single-cell Li-ion batteries in a wide range of
tablets
and
other
portable
devices.
The
MP2617H
integrates
a
synchronous
buck
regulator that provides regulated voltage to
power the system output and charge the battery
simultaneously. The MP2617H supports both
USB and high-power DC adapter inputs. In
USB mode, the input current limit can be
programmed to 450mA or 825mA via the logic
pins
to
cover
USB2.0
and
USB3.0
specifications. When the
adapter
input
is
present, the input current can also be limited to
avoid overloading the DC adapter. The input
current limit can be programmed up to 3A.
Smart power path management allows the
MP2617H to regulate the system voltage for
powering an external load and charging the
battery independently and simultaneously. This
allows for immediate system operation, even
under missing or deeply discharged battery
conditions. When the input current limit is
reached, the system load is satisfied first, and
then the charger uses the remaining current to
charge the battery. Additionally, the smart
power path control allows for an internal
connection from the battery to the system to
supplement additional power to the load in the
event the system power demand increases over
the input-limited power or the input is removed.
The MP2617H features high integration with all
power
switches
integrated
internally.
No
external MOSFET, blocking diode, or current
sense resistor is required.
Two status monitor output pins are provided to
indicate the battery
’s charge status and power
source status. Other features include trickle
charge, battery temperature monitoring, and
timer and thermal limiting regulation on the chip.
The MP2617H is available in
a QFN-20
(3mmx4mm) package.
FEATURES
 4V to 14V Operating Input Voltage
 Smart Power Path Management
 Five Control Loops: Input Current Limit,
Input Voltage Limit, Constant Charge
Current, Terminal Battery Control, and
Thermal Foldback
 1.6MHz Switching Frequency
 Programmable Input Current Limit
 Programmable Charge Current
 Single Input for USB and AC Adapter
 Covers USB2.0 and USB3.0 Input
Specifications
 Fully Integrated Power Switches
 No External Blocking Diode or Sense
Resistor Required
 Charging Operation Indicator
 Built-In Programmable Charging Timer
 Thermal Limiting Regulation on Chip
 Battery Temperature Monitor
 Available in a QFN-20 (3mmx4mm)
Package
APPLICATIONS
 Smartphones
 E-Books
 GPS
 Portable Media Players
 Portable Handheld Solutions
 Tablet PCs
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP2617HGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
MP2617AGL MPS-MP2617AGL Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617AGL MPS-MP2617AGL Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
More results

Similar Description - MP2617HGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ25601 TI1-BQ25601 Datasheet
1Mb / 60P
I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
logo
Monolithic Power System...
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com