Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8206N3L Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC8206N3L
Description  REMOTE FAN CONTROL IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8206N3L Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC8206N3L Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silan
Semiconductors
SC8206
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.11.6
5
Separating “ON/OFF” key ( extension K)
It start fan if pressed when fan is off. It turn on the fan with middle wind for increase start moment. After three
second, it resume low wind mode, or the operation mode stored in the operating memory.
It turn off the power when fan is on, fan stopped, control circuit resume static state, and stored the operate mode
into memory. When the fan turn on next time, it start in the operate mode in the memory (timer and sleep mode will
not be stored).
Separating “SPEED” key ( extension K)
SPEED key is used to turn on the fan change speed of the fan.
When successive pressing of SPEED key, fan
will operate as follows: low wind, middle wind, strong wind, low wind
ffgo along with cycle.
“MODE” key:
It used to select the operating mode. If pressed successively when fan is on, it will operate as follows: normally
wind, nature wind, sleep wind, normally, nature wind
ffgo along with cycle.
A)
Ordinary wind: the he wind speed is set by SPEED key and does not change as time passes.
B)
Nature wind: it is set in program, and operate with “SPEED” key, can produce strong nature wind, middle
nature wind, low nature wind, simulate the really nature wind.
C)
Sleep wind: In sleep wind mode, the wind speed steps down automatically one level every interval, until
it reaches low wind level.
Where is the rule of down:
1
If fan set in strong wind mode at first, it operate in strong nature wind for half an hour, then switch
into middle nature wind, after half an hour switch into low nature wind, until the preset time end or
turn off fan.
2
If fan set in middle wind mode at first, it operates in middle nature wind for half an hour, then
switch into low nature wind, until the preset time end or turn off fan.
3
If fan set in low nature wind at first, it operates in low nature wind, until the preset time end or turn
off.
“TIMER” key:
This key used to set the preset off time.
Type mark with “A4” mean have four section time output (0.5, 1, 2, 4hour) accumulated.
Type mark with “N3” means have three section time output ( 1, 2, 4 hour) non-accumulated.
When fan is in the time mode, LED will indicate the remain time, means the fan will stop after the display time.
“SWING” key:
If pressed when fan is in the operate mode, it can control the fan swing, it is invalid when fan stooped.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com