Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8206N3L Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC8206N3L
Description  REMOTE FAN CONTROL IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8206N3L Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC8206N3L Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Silan
Semiconductors
SC8206
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.11.6
1
REMOTE FAN CONTROL IC
SC8206 is a high performance electronic fan controller LSI,
Speed control, off-timer, nature wind, sleep mode are all built into a
single chip. Light control, buzzer output, key control input, as well as
remote control decoding circuitry are all provided to build a full
function electronic fan with remote control capability having the
highest performance with the least external components. Pin
assignment and application circuit are optimized for easy PCB layout
and cost saving for electronic fan application.
SC8206 adopted DIP-18 or DIP-20 package.
FEATURES
High performance CMOS Technology
Low power consumption
Three operation modes: ordinary, nature and rhythm sleep.
Three speed modes: strong, middle and low
Memory start-up mode
Middle wind start-up
Buzzer indicator function operation.
Two bits consumer code
Built-in 455kHz oscillator circuit
DIP-18
DIP-20
APPLICATION
Fan remote controller
Air cleaner
Humidifier
Heater
ORDERING INFORMATION
Part
Package
Accumulated
Non-accumulated
Independent ON/OFF
Light control
SC8206N3
DIP-18
--
--
--
SC8206A4
DIP-18
--
--
--
SC8206A4K
DIP-18
--
--
SC8206N3L
DIP-20
--
--
SC8206A4L
DIP-20
--
--
SC8206A4KL
DIP-20
--
Note: ”A4” indicated have four time output (0.5, 1, 2, 4 hour) accumulated timer mode.
“N3” indicated have three time output (1, 2, 4 hour) non-accumulated timer mode.


Similar Part No. - SC8206N3L

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
367Kb / 22P
Adapter/USB Dual Input Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT
SC8204 SILAN-SC8204 Datasheet
215Kb / 9P
FAN REMTORE CONTROL DECODER
More results

Similar Description - SC8206N3L

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
Remote Fan Controller IC
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
Remote Fan Controller IC?
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
Fan Remote Control
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
REMOTE FAN CONTROL IC
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
FAN REMOTE CONTROL ENCODER
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
REMOTE FAN CONTROL
2003-07-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com