Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8206N3L Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC8206N3L
Description  REMOTE FAN CONTROL IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8206N3L Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  SC8206N3L Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8206N3L Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Silan
Semiconductors
SC8206
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.11.6
6
“LIGHT” key:
It is used to control light, is independent of the operate mode.
Buzzer output:
a
Turn on send out “Bi-Bi”
b
Turn off send out “Bi-“
c
Other available operate (include key press and remote controller receive) send out “Bi”
CONTROL PANEL
Strong
Middle
Low
Sleep
Nature
Orderly
2
1
0.5
4
MODE
MODE
TIMER
TIMER
SWING
SWING
LIGHT
LIGHT
ON/SPEED
SPEED
OFF
ON/OFF
SC8206A4L
SC8206A4KL
APPLICATION CIRCUIT
Transmitter controller unit
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SC5104
C2
K1
K2
K3
K4
K5
VSS
VDD
Dout
LED
OSCI
OSCO
K8
K7
K6
+3V
C8050
455kHz
Infared
transmitter
100pf
100pf
OFF
SPEED
MODE
TIMER
SWING
Light
C8050
10u
Consumer code option:
Short connection: 1
Open: 0
C1
10¡



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com