Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-150-R Datasheet(PDF) 26 Page - Vicor Corporation

Part # FPV1006-150-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-150-R Datasheet(HTML) 26 Page - Vicor Corporation

Back Button FPV1006-150-R Datasheet HTML 22Page - Vicor Corporation FPV1006-150-R Datasheet HTML 23Page - Vicor Corporation FPV1006-150-R Datasheet HTML 24Page - Vicor Corporation FPV1006-150-R Datasheet HTML 25Page - Vicor Corporation FPV1006-150-R Datasheet HTML 26Page - Vicor Corporation FPV1006-150-R Datasheet HTML 27Page - Vicor Corporation FPV1006-150-R Datasheet HTML 28Page - Vicor Corporation FPV1006-150-R Datasheet HTML 29Page - Vicor Corporation FPV1006-150-R Datasheet HTML 30Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 26 of 41
06/2017
PI33xx-x0
Figure 41 — Short Circuit Test
Figure 40 — Efficiency at 25°C
Figure 42 — Switching Frequency vs. Load Current
Figure 43 — Transient Response 4A to 8A, at 5A/µs
Figure 45
— Output Ripple 24VIN, 12.0VOUT at 4A
Figure 44 — Output Ripple 24VIN, 12.0VOUT at 8A
PI3303-x0-LGIZ (12.0VOUT) Electrical Characteristics (Cont.)
Load Curent (A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
12345678
V
IN = 17.4V
V
IN = 24VVIN = 36V
Load Curent (A)
01
23
45
67
8
95
90
85
80
75
70
65
60
55
50
100
V
IN = 17.4V
V
IN = 24VVIN = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com