Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-150-R Datasheet(PDF) 33 Page - Vicor Corporation

Part # FPV1006-150-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-150-R Datasheet(HTML) 33 Page - Vicor Corporation

Back Button FPV1006-150-R Datasheet HTML 29Page - Vicor Corporation FPV1006-150-R Datasheet HTML 30Page - Vicor Corporation FPV1006-150-R Datasheet HTML 31Page - Vicor Corporation FPV1006-150-R Datasheet HTML 32Page - Vicor Corporation FPV1006-150-R Datasheet HTML 33Page - Vicor Corporation FPV1006-150-R Datasheet HTML 34Page - Vicor Corporation FPV1006-150-R Datasheet HTML 35Page - Vicor Corporation FPV1006-150-R Datasheet HTML 36Page - Vicor Corporation FPV1006-150-R Datasheet HTML 37Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 33 of 41
06/2017
PI33xx-x0
Output Current Limit Protection
PI33xx-x0 has two methods implemented to protect from output
short or over current condition.
Slow Current Limit protection: prevents the output load from
sourcing current higher than the regulator’s maximum rated
current. If the output current exceeds the Current Limit (IOUT_CL)
for 1024μs, a slow current limit fault is initiated and the regulator
is shutdown which eliminates output current flow. After Fault
Restart Delay (tFR_DLY), a soft-start cycle is initiated. This restart
cycle will be repeated indefinitely until the excessive load
is removed.
Fast Current Limit protection: PI33xx-x0 monitors the regulator
inductor current pulse-by-pulse to prevent the output from
supplying very high current due to sudden low impedance short
(50A Typical). If the regulator senses a high inductor current pulse,
it will initiate a fault and stop switching until Fault Restart Delay
ends and then initiate a soft-start cycle.
Both the Fast and Slow current limit faults are stored in a Fault
Register and can be read and cleared (PI33xx-20 device versions
only) via I2C data bus.
Input Undervoltage Lockout
If VIN falls below the input Undervoltage Lockout (UVLO)
threshold, but remains high enough to power the internal bias
supply, the PI33xx-x0 will complete the current cycle, stop
switching, enter a low power state and initiate a fault. The system
will restart once the input voltage is reestablished and after the
Fault Restart Delay. A UVLO fault is stored in a Fault Register
and can be read and cleared (PI33xx-20 device versions only)
via I2C data bus.
Input Overvoltage Lockout
If VIN exceeds the input Overvoltage Lockout (OVLO) threshold
(VOVLO), while the controller is running, the PI33xx-x0 will
complete the current cycle, stop switching, enter a low power
state and set an OVLO fault. The system will resume operation
when the input voltage falls below 98% of the OVLO threshold
and after the Fault Restart Delay. The OVLO fault is stored in a
Fault Register and can be read and cleared (PI33xx-20 device
versions only) via I2C™ data bus.
Output Overvoltage Protection
The PI33xx-x0 family is equipped with output Overvoltage
Protection (OVP) to prevent damage to input voltage sensitive
devices. If the output voltage exceeds 20% of its set regulated
value, the regulator will complete the current cycle, stop switching
and issue an OVP fault. The system will resume operation once
the output voltage falls below the OVP threshold and after
Fault Restart Delay. The OVP fault is stored in a Fault Register
and can be read and cleared (PI33xx-20 device versions only)
via I2C data bus.
Overtemperature Protection
The internal package temperature is monitored to prevent internal
components from reaching their thermal maximum. If the Over
Temperature Protection Threshold (OTP) is exceeded (TOTP), the
regulator will complete the current switching cycle, enter a low
power mode, set a fault flag, and will soft-start when the internal
temperature falls below Overtemperature Restart Hysteresis
(TOTP_HYS). The OTP fault is stored in a Fault Register and can be
read and cleared (PI33xx-20 device versions only) via I2C data bus.
Pulse Skip Mode (PSM)
PI33xx-x0 features a PSM to achieve high efficiency at light loads.
The regulators are setup to skip pulses if EAO falls below a PSM
threshold. Depending on conditions and component values, this
may result in single pulses or several consecutive pulses followed
by skipped pulses. Skipping cycles significantly reduces gate drive
power and improves light load efficiency. The regulator will leave
PSM once the EAO rises above the Skip Mode threshold.
Variable Frequency Operation
Each PI33xx-x0 is preprogrammed to a base operating frequency,
with respect to the power stage inductor (see Table 4), to operate
at peak efficiency across line and load variations. At low line
and high load applications, the base frequency will decrease to
accommodate these extreme operating ranges. By stretching the
frequency, the ZVS operation is preserved throughout the total
input line voltage range therefore maintaining
optimum efficiency.
Parallel Operation
Paralleling modules can be used to increase the output current
capability of a single power rail and reduce output voltage ripple.
SGND
VS1
PGND
REM
TRK
EAO
(#1)
SGND
VS1
PGND
REM
(#2)
EN
EAO(#2)
TRK(#2)
EN(#2)
SYNCI
SYNCO
SYNCI(#2)
SYNCO(#2)
R1
TRK
EAO
EN
EAO(#1)
TRK(#1)
EN(#1)
PWRGD
SYNCI
SYNCO
SYNCI(#1)
SYNCO(#1)
V
IN
V
IN
V
OUT
V
OUT
C
IN
C
OUT
L1
L1
V
IN
V
IN
V
OUT
C
IN
C
OUT
PI33xx
PI33xx
PWRGD
Figure 59 — PI33xx-x0 parallel operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com