Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-150-R Datasheet(PDF) 27 Page - Vicor Corporation

Part # FPV1006-150-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-150-R Datasheet(HTML) 27 Page - Vicor Corporation

Back Button FPV1006-150-R Datasheet HTML 23Page - Vicor Corporation FPV1006-150-R Datasheet HTML 24Page - Vicor Corporation FPV1006-150-R Datasheet HTML 25Page - Vicor Corporation FPV1006-150-R Datasheet HTML 26Page - Vicor Corporation FPV1006-150-R Datasheet HTML 27Page - Vicor Corporation FPV1006-150-R Datasheet HTML 28Page - Vicor Corporation FPV1006-150-R Datasheet HTML 29Page - Vicor Corporation FPV1006-150-R Datasheet HTML 30Page - Vicor Corporation FPV1006-150-R Datasheet HTML 31Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 27 of 41
06/2017
PI33xx-x0
Ambient Temperature (°C)
50
75
100125
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
V
IN = 18V
V
IN = 24VVIN = 36V
Figure 48 — Load Current vs. Ambient Temperature, 400LFM
Figure 46 — Load Current vs. Ambient Temperature, 0LFM
Figure 47 — Load Current vs. Ambient Temperature, 200LFM
PI3303-x0-LGIZ (12.0VOUT) Electrical Characteristics (Cont.)
Ambient Temperature (°C)
50
75
100125
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
V
IN = 18V
V
IN = 24VVIN = 36V
Ambient Temperature (°C)
50
75
100125
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
V
IN = 18V
V
IN = 24VVIN = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com