Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-230-R Datasheet(PDF) 35 Page - Vicor Corporation

Part # FPT705-230-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-230-R Datasheet(HTML) 35 Page - Vicor Corporation

Back Button FPT705-230-R Datasheet HTML 31Page - Vicor Corporation FPT705-230-R Datasheet HTML 32Page - Vicor Corporation FPT705-230-R Datasheet HTML 33Page - Vicor Corporation FPT705-230-R Datasheet HTML 34Page - Vicor Corporation FPT705-230-R Datasheet HTML 35Page - Vicor Corporation FPT705-230-R Datasheet HTML 36Page - Vicor Corporation FPT705-230-R Datasheet HTML 37Page - Vicor Corporation FPT705-230-R Datasheet HTML 38Page - Vicor Corporation FPT705-230-R Datasheet HTML 39Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 35 of 41
06/2017
PI33xx-x0
By choosing an output voltage value within the ranges stated in
Table 2, VOUT can simply be adjusted up or down by selecting the
proper Rhigh or Rlow value, respectively. The following equations
can be used to calculate Rhigh and Rlow values:
If, for example, a 4.0V output is needed, the user should choose
the regulator with a trim range covering 4.0V from Table 2. For
this example, the PI3301 is selected (3.3V set voltage). First step
would be to use Equation (1) to calculate Rhigh since the required
output voltage is higher than the regulator set voltage. The
resistor-divider network values for the PI3301 are can be found
in Table 3 and are R1 = 2.61k
Ω and R2 = 1.13kΩ. Inserting these
values in to Equation (1), Rhigh is calculated as follows:
Resistor Rhigh should be connected as shown in Figure 60 to
achieve the desired 4.0V regulator output. No external Rlow
resistor is need in this design example since the trim is above the
regulator set voltage.
The PI3311-xx output voltage can only be trimmed higher than
the factory 1V setting. The following Equation (4) can be used
calculate Rhigh values for the PI3311-xx regulators.
Soft-Start Adjust and Tracking
The TRK pin offers a means to increase the regulator’s soft-start
time or to track with additional regulators. The soft-start slope
is controlled by an internal 100nF and a fixed charge current to
provide a minimum startup time of 2ms (typical) for all PI33xx-x0
regulators. By adding an additional external capacitor to the TRK
pin, the soft-start time can be increased further. The following
equation can be used to calculate the proper capacitor for a
desired soft-start times:
Where tTRK is the soft-start time and ITRK is a 50μA internal charge
current (see Electrical Characteristics for limits).
There is typically either proportional or direct tracking
implemented within a design. For proportional tracking between
several regulators at startup, simply connect all devices TRK
pins together. This type of tracking will force all connected
regulators to startup and reach regulation at the same time
(see Figure 61(a)).
For Direct Tracking, choose the regulator with the highest output
voltage as the master and connect the master to the TRK pin of
the other regulators through a divider (Figure 62) with the same
ratio as the slave’s feedback divider (see Table 3 for values).
All connected regulators’ soft-start slopes will track with this
method. Direct tracking timing is demonstrated in Figure 61(b). All
tracking regulators should have their Enable (EN) pins connected
together to work properly.
Table 3 — PI33xx-x0 Internal divider values
1
R
high
R1
(
)
V
OUT – 11
R2
=
( )
(1)
1
R
low
R2
(
)
V
OUT – 1
1
R1
=
( )
1
(2)
1
3.78k
(
)
4.0 – 1
1
1.13k
=
( )
2.61k
(3)
C
TRK =
(5)
t
TRK • ITRK
– 100 • 10 -9
()
V
OUT 1
V
OUT 2
Master V
OUT
V
OUT 2
(a)
(b)
t
Figure 61 — PI33xx-x0 tracking methods
Master V
OUT
R1
R2
SGND
TRK
PI33xx
Slave
Figure 62 — Voltage divider connections for direct tracking
Device
R1
R2
R4
PI3311-x0-LGIZ
1k
Ω
Open
100
Ω
PI3318-x0-LGIZ
0.806k
Ω
1.0k
Ω
100
Ω
PI3312-x0-LGIZ
1.5k
Ω
1.0k
Ω
100
Ω
PI3301-x0-LGIZ
2.61k
Ω
1.13k
Ω
100
Ω
PI3302-x0-LGIZ
4.53k
Ω
1.13k
Ω
100
Ω
PI3303-x0-LGIZ
11.0k
Ω
1.0k
Ω
100
Ω
PI3305-x0-LGIZ
14.0k
Ω
1.0k
Ω
100
Ω
1
R
high (1V)
R1
(
)
V
OUT – 1
=
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com