Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-230-R Datasheet(PDF) 36 Page - Vicor Corporation

Part # FPT705-230-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-230-R Datasheet(HTML) 36 Page - Vicor Corporation

Back Button FPT705-230-R Datasheet HTML 32Page - Vicor Corporation FPT705-230-R Datasheet HTML 33Page - Vicor Corporation FPT705-230-R Datasheet HTML 34Page - Vicor Corporation FPT705-230-R Datasheet HTML 35Page - Vicor Corporation FPT705-230-R Datasheet HTML 36Page - Vicor Corporation FPT705-230-R Datasheet HTML 37Page - Vicor Corporation FPT705-230-R Datasheet HTML 38Page - Vicor Corporation FPT705-230-R Datasheet HTML 39Page - Vicor Corporation FPT705-230-R Datasheet HTML 40Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 36 of 41
06/2017
PI33xx-x0
Inductor Pairing
The PI33xx-x0 utilizes an external inductor. This inductor has been
optimized for maximum efficiency performance. Table 4 details
the specific inductor value and part number utilized for each
PI33xx-x0 device which are available from Coiltronics and Eaton.
Data sheets are available at:
http://www.cooperindustries.com
Thermal Derating
Thermal de-rating curves are provided that are based on
component temperature changes versus load current, input
voltage and air flow. It is recommended to use these curves as a
guideline for proper thermal de-rating. These curves represent the
entire system and are inclusive to both the PI33xx-x0 regulator
and the external inductor. Maximum thermal operation is limited
by either the MOSFETs or inductor depending upon line and
load conditions.
Thermal measurements were made using a standard PI33xx-x0
Evaluation board which is 3 x 4 inches in area and uses 4-layer,
2oz copper. Thermal measurements were made on the three
main power devices, the two internal MOSFETs and the external
inductor, with air flows of 0, 200, and 400LFM.
Filter Considerations
The PI33xx-x0 requires input bulk storage capacitance as well as
low impedance ceramic X5R input capacitors to ensure proper
start up and high frequency decoupling for the power stage. The
PI33xx-x0 will draw nearly all of the high frequency current from
the low impedance ceramic capacitors when the main high side
MOSFET is conducting. During the time the high side MOSFET
is off, they are replenished from the bulk capacitor. If the input
impedance is high at the switching frequency of the converter,
the bulk capacitor must supply all of the average current into the
converter, including replenishing the ceramic capacitors. This value
has been chosen to be 100μF so that the PI33xx-x0 can start up
into a full resistive load and supply the output capacitive load with
the default minimum soft start capacitor when the input source
impedance is 50
Ω at 1MHz. The ESR for this capacitor should be
approximately 20m
Ω. The RMS ripple current in this capacitor is
small, so it should not be a concern if the input recommended
ceramic capacitors are used. Table 5 shows the recommended
input and output capacitors to be used for the various models
as well as expected transient response, RMS ripple currents per
capacitor, and input and output ripple voltages.
Table 6 includes the recommended input and output
ceramic capacitors.
Table 4 — PI33xx-x0 Inductor pairing
Device
VIN
(V)
ILOAD
(A)
CINPUT
Ceramic
X5R
CINPUT
Bulk
Elec.
COUTPUT
Ceramic
X5R
CINPUT
Ripple
Current
(IRMS)
COUTPUT
Ripple
Current
(IRMS)
Input
Ripple
(mVpp)
Output
Ripple
(mVpp)
Output
Ripple
(mVpp)
Recovery
Time
(µs)
Load
Step
(A)
(Slew/µs)
PI3311
24
10
4 x 4.7μF
50V
100μF
50V
8 X 100μF
2 X 1μF
1 X 0.1μF
0.5
0.8
120
20
±40
40
5
(5A/μs)
5
100
15
PI3318
24
10
4 x 4.7μF
50
100μF
50V
6 X 100μF
2 X 1μF
1 X 0.1μF
0.5
0.8
120
20
±40
40
5
(5A/μs)
5
100
15
PI3312
24
10
4 x 4.7μF
100μF
50V
4 X 100μF
2 X 1μF
1 X 0.1μF
1
1.75
150
50
±80
25
5
(10A/μs)
5
100
24
PI3301
24
10
4 x 4.7μF
100μF
50V
4 X 100μF
2 X 1μF
1 X 0.1μF
1.05
1.625
200
40
±100
20
5
(10A/μs)
5
125
33
PI3302
24
10
4 x 4.7μF
100μF
50V
4 X 47μF
2 X 1μF
1 X 0.1μF
1.2
1.5
220
50
±170
30
5
(5A/μs)
5
140
30
PI3303
24
8
4 x 4.7μF
100μF
50V
4 X 22μF
2 X 1μF
1 X 0.1μF
1.3
1.36
275
100
±300
30
4
(10A/μs)
4
150
60
PI3305
24
8
4 x 4.7μF
100μF
50V
4 X 22μF
2 X 1μF
1 X 0.1μF
1.38
1.2
280
150
±400
30
4
(10A/μs)
4
160
75
Table 5 — Recommended input and output capacitance
Device
Inductor
[nH]
Inductor
Part Number
Manufacturer
PI3311-x0
125
FPV1006-125-R
Eaton
PI3318-x0
150
FPV1006-150-R
Eaton
PI3312-x0
200
FPT705-200-R
Coiltronics
PI3301-x0
200
FPT705-200-R
Coiltronics
PI3302-x0
200
FPT705-200-R
Coiltronics
PI3303-x0
230
FPT705-230-R
Coiltronics
PI3305-x0
230
FPT705-230-R
Coiltronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com